Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5545JW-75.0M-T1K Datasheet(PDF) 4 Page - Pletronics, Inc.

Part # SM5545JW-75.0M-T1K
Description  SM55J Series 2.5 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5545JW-75.0M-T1K Datasheet(HTML) 4 Page - Pletronics, Inc.

  SM5545JW-75.0M-T1K Datasheet HTML 1Page - Pletronics, Inc. SM5545JW-75.0M-T1K Datasheet HTML 2Page - Pletronics, Inc. SM5545JW-75.0M-T1K Datasheet HTML 3Page - Pletronics, Inc. SM5545JW-75.0M-T1K Datasheet HTML 4Page - Pletronics, Inc. SM5545JW-75.0M-T1K Datasheet HTML 5Page - Pletronics, Inc. SM5545JW-75.0M-T1K Datasheet HTML 6Page - Pletronics, Inc. SM5545JW-75.0M-T1K Datasheet HTML 7Page - Pletronics, Inc. SM5545JW-75.0M-T1K Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SM55J Series 2.5 V
CMOS Clock Oscillators
March 2013
www.pletronics.com
425-776-1880
4
Electrical Specification for 2.50V +
_10% over the specified temperature range
Item
Min
Typ
Max
Unit
Condition
RISE
FALL
LOAD
Output T
and T
-
1.0
2.0
nS
C
= 15 pF
CC
10% to 90% of V
See Load Circuit
CC
V
Supply Current
CC
(I )
-
3.0
6.0
mA
50 MHz
no load
-
3.0
6.0
mA
65 MHz
-
4.0
8.0
mA
85 MHz
-
4.5
8.5
mA
100 MHz
-
5.5
10.5
mA
133 MHz
-
9.0
18.0
mA
170 MHz
Specifications with Pad 1 E/D open circuit


Similar Part No. - SM5545JW-75.0M-T1K

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5545JCV-75.0M-T1K PLETRONICS-SM5545JCV-75.0M-T1K Datasheet
876Kb / 8P
   SM55J Series 1.8 V CMOS Clock Oscillators
SM5545JCV-75.0M-T1K PLETRONICS-SM5545JCV-75.0M-T1K Datasheet
877Kb / 8P
   SM55J Series 3.3 V CMOS Clock Oscillators
SM5545JCV-75.0M-T250 PLETRONICS-SM5545JCV-75.0M-T250 Datasheet
876Kb / 8P
   SM55J Series 1.8 V CMOS Clock Oscillators
SM5545JCV-75.0M-T250 PLETRONICS-SM5545JCV-75.0M-T250 Datasheet
877Kb / 8P
   SM55J Series 3.3 V CMOS Clock Oscillators
SM5545JCV-75.0M-T500 PLETRONICS-SM5545JCV-75.0M-T500 Datasheet
876Kb / 8P
   SM55J Series 1.8 V CMOS Clock Oscillators
More results

Similar Description - SM5545JW-75.0M-T1K

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5545JX-750M-T250 PLETRONICS-SM5545JX-750M-T250 Datasheet
876Kb / 8P
   SM55J Series 1.8 V CMOS Clock Oscillators
SM5545JV-750M-T250 PLETRONICS-SM5545JV-750M-T250 Datasheet
877Kb / 8P
   SM55J Series 3.3 V CMOS Clock Oscillators
SM5545GEW PLETRONICS-SM5545GEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TEW PLETRONICS-SM5545TEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7645DEW PLETRONICS-SM7645DEW Datasheet
205Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745HEW PLETRONICS-SM7745HEW Datasheet
109Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545MEW PLETRONICS-SM5545MEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745GEW PLETRONICS-SM7745GEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SQ3345DESW PLETRONICS-SQ3345DESW Datasheet
135Kb / 7P
   2.5 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com