Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5545JX-75.0M-T1K Datasheet(PDF) 6 Page - Pletronics, Inc.

Part # SM5545JX-75.0M-T1K
Description  SM55J Series 1.8 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5545JX-75.0M-T1K Datasheet(HTML) 6 Page - Pletronics, Inc.

  SM5545JX-75.0M-T1K Datasheet HTML 1Page - Pletronics, Inc. SM5545JX-75.0M-T1K Datasheet HTML 2Page - Pletronics, Inc. SM5545JX-75.0M-T1K Datasheet HTML 3Page - Pletronics, Inc. SM5545JX-75.0M-T1K Datasheet HTML 4Page - Pletronics, Inc. SM5545JX-75.0M-T1K Datasheet HTML 5Page - Pletronics, Inc. SM5545JX-75.0M-T1K Datasheet HTML 6Page - Pletronics, Inc. SM5545JX-75.0M-T1K Datasheet HTML 7Page - Pletronics, Inc. SM5545JX-75.0M-T1K Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SM55J Series 1.8 V
CMOS Clock Oscillators
March 2013
www.pletronics.com
425-776-1880
6
Mechanical:
Inches
mm
A
0.197 +
_0.006
5.00 +
_0.15
B
0.126 +
_0.006
3.20 +
_0.15
C
0.045 +
_0.004
1.15 +
_0.10
D
0.048
1.23
1
E
0.100
2.54
1
F
0.004
0.10
1
G
0.050
1.27
1
H
0.055
1.40
1
Not to Scale
Typical dimensions
1
I
0.024
0.60
1
J
0.004
0.10R
1
K
0.008
0.020R
1
Contacts :
Gold 11.8 to 39.4 µinches (0.3 to 1.0 µm) over Nickel 50 to 350 µinches (1.27 to 8.89 µm)
Pad
Function
Note
1
Output
Enable/Disable
When this pad is not connected the oscillator shall operate.
When this pad is logic low the output will be inhibited (high impedance state.)
CC
Recommend connecting this pad to V
if the oscillator is to be always on.
2
Ground (GND)
3
Output
4
Supply Voltage
CC
(V )
Recommend connecting appropriate power supply bypass capacitors as close as
possible.
Layout and application information
For Optim um Jitter Perform ance, Pletronics recom m ends:
a ground plane under the device
no large transient signals (both current and voltage) should be routed under the device
do not layout near a large m agnetic field such as a high frequency switching power supply
do not place near piezoelectric buzzers or m echanical fans.


Similar Part No. - SM5545JX-75.0M-T1K

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5545JCV-75.0M-T1K PLETRONICS-SM5545JCV-75.0M-T1K Datasheet
877Kb / 8P
   SM55J Series 2.5 V CMOS Clock Oscillators
SM5545JCV-75.0M-T1K PLETRONICS-SM5545JCV-75.0M-T1K Datasheet
877Kb / 8P
   SM55J Series 3.3 V CMOS Clock Oscillators
SM5545JCV-75.0M-T250 PLETRONICS-SM5545JCV-75.0M-T250 Datasheet
877Kb / 8P
   SM55J Series 2.5 V CMOS Clock Oscillators
SM5545JCV-75.0M-T250 PLETRONICS-SM5545JCV-75.0M-T250 Datasheet
877Kb / 8P
   SM55J Series 3.3 V CMOS Clock Oscillators
SM5545JCV-75.0M-T500 PLETRONICS-SM5545JCV-75.0M-T500 Datasheet
877Kb / 8P
   SM55J Series 2.5 V CMOS Clock Oscillators
More results

Similar Description - SM5545JX-75.0M-T1K

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5545JW-750M-T250 PLETRONICS-SM5545JW-750M-T250 Datasheet
877Kb / 8P
   SM55J Series 2.5 V CMOS Clock Oscillators
SM5545JV-750M-T250 PLETRONICS-SM5545JV-750M-T250 Datasheet
877Kb / 8P
   SM55J Series 3.3 V CMOS Clock Oscillators
SM7745MEX PLETRONICS-SM7745MEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745GEX PLETRONICS-SM7745GEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545GEX PLETRONICS-SM5545GEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545MEX PLETRONICS-SM5545MEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7645DEX PLETRONICS-SM7645DEX Datasheet
203Kb / 9P
   1.8 V CMOS Clock Oscillators
logo
List of Unclassifed Man...
SM77D ETC1-SM77D Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com