Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6138A2PW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6138A2PW
Description  evaluation of the features of the TAS5548 PWM digital audio processor.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6138A2PW Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA6138A2PW Datasheet HTML 6Page - Texas Instruments TPA6138A2PW Datasheet HTML 7Page - Texas Instruments TPA6138A2PW Datasheet HTML 8Page - Texas Instruments TPA6138A2PW Datasheet HTML 9Page - Texas Instruments TPA6138A2PW Datasheet HTML 10Page - Texas Instruments TPA6138A2PW Datasheet HTML 11Page - Texas Instruments TPA6138A2PW Datasheet HTML 12Page - Texas Instruments TPA6138A2PW Datasheet HTML 13Page - Texas Instruments TPA6138A2PW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Board Layouts, Schematic, and Bill of Materials
www.ti.com
5.3
TAS5548-5558EVM Bill of Materials
Table 1. TAS5548-5558EVM Bill of Materials
Item
MFG Part Number
RefDes
Description
1
TAS5548DCA
U1
8 CHAN HD AUDIO PROCESSOR W/PWM OUTPUTS HTSSOP56-DCA ROHS
2
TAS1020BPFB
U2
USB STREAMING CONTROLLER TQFP48-PFB ROHS
3
TPA6138A2PW
U3
DIRECTPATH HEADPHONE DRIVER W/ADJ GAIN TSSOP14-PW ROHS
4
24LC256-I/MS
U4
SERIAL EEPROM I2C 256K 400kHz MSOP8-MS ROHS
5
MMBT2222A-7-F
Q1
TRANSISTOR NPN GENERAL PURPOSE 40V 1A SOT23 DBV3 ROHS
6
TPS73533DRVT
VR1
LDO VOLTREG 3.3V 500mA LO NOISE HI PSRR SON6-DRV ROHS
7
625L3I006M00000
OSC1
OSCILLATOR SMT 6.0MHz 3.3V OUT-ENABLE ROHS
8
ABM8G-12.288MHZ-18-
Y2
CRYSTAL SMD-ABM8G SERIES 12.288MHz 30ppm 18PFD ROHS
D2Y-T
9
SMLP12BC7TT86
USB LOCK
LED BLUE SMD0402 2.9V 10mA ROHS
10
SML-P12MTT86
VALID
LED GREEN SMD0402 2.1V 10mA ROHS
11
SML-P12UTT86
3.3V
LED RED SMD0402 2.0V 10mA ROHS
12
500R07N470JV4T
C1, C2, C36, C37, C38, C39
CAP SMD0402 CERM 47pfd 50V 5% COG ROHS
13
C1005X5R1A105K
C3, C41, C42, C43
CAP SMD0402 CERM 1.0UFD 10V 10% X5R ROHS
14
GRM155R71C104KA88D
C4, C16, C19, C21, C22, C23,
CAP SMD0402 CERM 0.1UFD 16V X7R 10% ROHS
C25, C51, C52, C53, C54, C55
15
EMK107B7105KA-T
C5
CAP SMD0603 CERM 1.0UFD 16V 10% X7R ROHS
16
CC0402JRNPO9BN101
C6
CAP SMD0402 CERM 100pfd 50V 5% NPO ROHS
17
CC0402KRX7R7BB102
C7, C40, C44
CAP SMD0402 CERM 1000pfd 16V 10% X7R ROHS
18
0402YC103KAT2A
C8
CAP SMD0402 CERM 0.01ufd 16V 10% X7R ROHS
19
GRM188R71A225KE15D
C9
CAP SMD0603 CERM 2.2UFD 10V 10% X7R ROHS
20
CC0402KRX7R8BB472
C11, C13
CAP SMD0402 CERM 4700pfd 25V 10% X7R ROHS
21
EMK105B7473KV-F
C12, C14
CAP SMD0402 CERM 0.047UFD 16V 10% X7R ROHS
22
LMK107BJ106MALTD
C15, C20, C24, C50, C60, C61,
CAP SMD0603 CERM 10.0UFD 10V 20% X5R ROHS
C62, C63
23
GRM1555C1H330JZ01D
C17, C18
CAP SMD0402 CERM 33PFD 5% 50V COG ROHS
24
GRM1555C1H181JA01D
C34, C35
CAP SMD0402 CERM 180PFD 5% 50V NPO ROHS
25
RC0402FR-0715KL
R1, R22
RESISTOR SMD0402 THICK FILM 15.0K OHM 1% 1/16W ROHS
26
RMCF0402FT1K50
R2
RESISTOR SMD0402 1.50K OHMS 1% 1/16W ROHS
27
ERJ-2RKF27R4X
R3, R4
RESISTOR SMD0402 THICK FILM 27.4 OHMS 1/10W 1% ROHS
28
CRCW040210K0FKED
R5, R6
RESISTOR SMD0402 10.0K OHMS 1% 1/16W ROHS
29
ERJ-2RKF4991X
R7, R8
RESISTOR SMD0402 4.99K 1%,1/16W ROHS
30
ERJ-2RKF1003X
R9
RESISTOR SMD0402 THICK FILM 100K OHMS 1/16W 1% ROHS
10
TAS5548-5558EVM
SLOU351B – October 2012 – Revised August 2013
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated


Similar Part No. - TPA6138A2PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6138A2PW TI1-TPA6138A2PW Datasheet
703Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver
TPA6138A2PW TI1-TPA6138A2PW Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
588Kb / 18P
[Old version datasheet]   DirectPath??Headphone Driver With Adjustable Gain
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
703Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
More results

Similar Description - TPA6138A2PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCF5250EC NXP-SCF5250EC Datasheet
1Mb / 56P
   This section provides brief descriptions of the features of the SCF5250 processor
Rev. 1.3, 07/2006
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
   Standard features, Features of the CPU08
logo
Maxim Integrated Produc...
DS28E80EVKIT MAXIM-DS28E80EVKIT Datasheet
5Mb / 28P
   Demonstrates the Features of the DS28E80 IC
Rev 0; 11/14
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
Maxim Integrated Produc...
MAXQ1065EVKIT MAXIM-MAXQ1065EVKIT Datasheet
5Mb / 9P
   Demonstrates the Features of the MAXQ1065 Socket Board
Rev 2; 6/21
MAX34451EVKIT MAXIM-MAX34451EVKIT Datasheet
4Mb / 31P
   Easy Evaluation of the MAX34451
Rev 0; 5/13
MAX31343SHLD MAXIM-MAX31343SHLD Datasheet
2Mb / 11P
   Easy Evaluation of the MAX31343
319-100521; Rev 1; 5/20
MAX35103EVKIT MAXIM-MAX35103EVKIT Datasheet
3Mb / 22P
   Easy Evaluation of the MAX35103
Rev 0; 3/15
MAX34409EVKIT MAXIM-MAX34409EVKIT Datasheet
1Mb / 11P
   Easy Evaluation of the MAX34409
Rev 0; 4/13
MAX33071ESHLD MAXIM-MAX33071ESHLD Datasheet
676Kb / 9P
   Easy Evaluation of the MAX33071E
Rev 0; 3/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com