Electronic Components Datasheet Search |
|
CRCW1206562FFNED Datasheet(PDF) 2 Page - Vishay Siliconix |
|
CRCW1206562FFNED Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 9 page www.vishay.com For technical questions, contact: thickfilmchip@vishay.com Document Number: 20035 126 Revision: 04-Jun-12 D/CRCW e3 Vishay Standard Thick Film Chip Resistors THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note (1) The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature of 155 °C is not exceeded. TECHNICAL SPECIFICATIONS PARAMETER UNIT D10/ CRCW0402 D11/ CRCW0603 D12/ CRCW0805 D25/ CRCW1206 CRCW1210 CRCW1218 CRCW2010 CRCW2512 Rated dissipation P70 (1) W 0.063 0.1 0.125 0.25 0.5 1.0 0.75 1.0 Limiting element voltage Umax. AC/DC V 50 75 150 200 200 200 400 500 Insulation voltage Uins (1 min) V > 75 > 100 > 200 > 300 > 300 > 300 > 300 > 300 Insulation resistance > 109 Category temperature range °C - 55 to + 155 Failure rate h-1 < 0.1 x 10- 9 Weight mg 0.65 2 5.5 10 16 29.5 25.5 40.5 PART NUMBER AND PRODUCT DESCRIPTION Part Number: CRCW0603562RFKEC MODEL VALUE TOLERANCE TCR PACKAGING SPECIAL CRCW0402 CRCW0603 CRCW0805 CRCW1206 CRCW1210 CRCW1218 CRCW2010 CRCW2512 R = Decimal K = Thousand M = Million 0000 = Jumper F = ± 1.0 % J = ± 5.0 % Z = Jumper K = ± 100 ppm/K N = ± 200 ppm/K 0 = Jumper EA, EB, EC, ED, EE, EF, EG, EH, EI, EL, EK Up to 2 digits Product Description: D11/CRCW0603 100 562R 1 % ET6 e3 D11/CRCW0603 100 562R 1 % ET6 e3 MODEL TCR RESISTANCE VALUE TOLERANCE PACKAGING LEAD (Pb)-FREE D10/CRCW0402 D11/CRCW0603 D12/CRCW0805 D25/CRCW1206 CRCW1210 CRCW1218 CRCW2010 CRCW2512 ± 200 ppm/K ± 100 ppm/K 10R = 10 562R = 562 10K = 10 k 1M0 = 1 M 0R0 = Jumper ± 5 % ± 1 % ET1, ET2, ET3, ET4, ET5, ET6, ET7, ET8, ET9, EF4, E02, E67, E82 e3 = Pure tin termination finish C R C W 0 6 0 3 5 6 2 R F K E C |
Similar Part No. - CRCW1206562FFNED |
|
Similar Description - CRCW1206562FFNED |