Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5544MCV-75.0M-T250 Datasheet(PDF) 2 Page - Pletronics, Inc.

Part # SM5544MCV-75.0M-T250
Description  SM55M Series 3.3 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5544MCV-75.0M-T250 Datasheet(HTML) 2 Page - Pletronics, Inc.

  SM5544MCV-75.0M-T250 Datasheet HTML 1Page - Pletronics, Inc. SM5544MCV-75.0M-T250 Datasheet HTML 2Page - Pletronics, Inc. SM5544MCV-75.0M-T250 Datasheet HTML 3Page - Pletronics, Inc. SM5544MCV-75.0M-T250 Datasheet HTML 4Page - Pletronics, Inc. SM5544MCV-75.0M-T250 Datasheet HTML 5Page - Pletronics, Inc. SM5544MCV-75.0M-T250 Datasheet HTML 6Page - Pletronics, Inc. SM5544MCV-75.0M-T250 Datasheet HTML 7Page - Pletronics, Inc. SM5544MCV-75.0M-T250 Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SM55M Series 3.3 V
CMOS Clock Oscillators
April 2010
www.pletronics.com
425-776-1880
2
P ff.fff M
C YMDxx
P ff.fff M
C YYWWxx
P5xYWWx
C ff.fff M
PLE SM55
ff.fff M
C YMDxx
5xYWWxx
ff.fff M
C PLExx
Part Number:
SM55
45
M
E
V
- 75.0M
-XX
Packaging code or blank
T250 = 250 per Tape and Reel
T500 = 500 per Tape and Reel
T1K = 1000 per Tape and Reel
Frequency in MHz
Supply Voltage V
CC
V = 3.3V +
_ 10%
Optional Enhanced OTR
Blank = Temp. range -10 to +70
oC
C = Temp. range -20 to +70
oC
E = Temp. range -40 to +85
oC
Series Model
Frequency Stability
45 = +
_ 50 ppm
44 = +
_ 25 ppm
20 = +
_ 20 ppm
Series Model
Part Marking and Legend:
PLE
= Pletronics
FF.FFF M
= Frequency in MHz
YYWW or YWW or YMD
= Date of Manufacture (year and week, or year-month-day)
All other marking is internal factory codes
Specifications such as frequency stability, supply voltage and operating temperature range, etc. are
not identified from the marking. External packaging labels and packing list will correctly identify the
ordered Pletronics part number.
Codes for Date Code YMD
Code
10
1234
Code
AB
C
D
E
F
G
H
J
K
L
M
Year 2010 2011 2012 2013 2014 Month JAN FEB MAR APR MAY JUN JUL AUG SEP OCT NOV DEC
Code
123456789
A
B
C
D
E
F
G
Day
1
23456789
10
11
12
13
14
15
16
Code
H
J
K
L
M
N
P
R
T
U
V
W
X
Y
Z
Day
171819202122232425262728
2930
31


Similar Part No. - SM5544MCV-75.0M-T250

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5544MCW-75.0M-T1K PLETRONICS-SM5544MCW-75.0M-T1K Datasheet
111Kb / 8P
   SM55M Series 2.5 V CMOS Clock Oscillators
SM5544MCW-75.0M-T250 PLETRONICS-SM5544MCW-75.0M-T250 Datasheet
111Kb / 8P
   SM55M Series 2.5 V CMOS Clock Oscillators
SM5544MCW-75.0M-T500 PLETRONICS-SM5544MCW-75.0M-T500 Datasheet
111Kb / 8P
   SM55M Series 2.5 V CMOS Clock Oscillators
SM5544MCX-75.0M-T1K PLETRONICS-SM5544MCX-75.0M-T1K Datasheet
111Kb / 8P
   SM55M Series 1.8 V CMOS Clock Oscillators
SM5544MCX-75.0M-T250 PLETRONICS-SM5544MCX-75.0M-T250 Datasheet
111Kb / 8P
   SM55M Series 1.8 V CMOS Clock Oscillators
More results

Similar Description - SM5544MCV-75.0M-T250

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5545MX-750M-T250 PLETRONICS-SM5545MX-750M-T250 Datasheet
111Kb / 8P
   SM55M Series 1.8 V CMOS Clock Oscillators
SM5545MW-750M-T250 PLETRONICS-SM5545MW-750M-T250 Datasheet
111Kb / 8P
   SM55M Series 2.5 V CMOS Clock Oscillators
SM7745HEV PLETRONICS-SM7745HEV Datasheet
109Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7745MEV PLETRONICS-SM7745MEV Datasheet
149Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545TEV PLETRONICS-SM5545TEV Datasheet
154Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7645DEV PLETRONICS-SM7645DEV Datasheet
206Kb / 9P
   3.3 V CMOS Clock Oscillators
SM7745DEV PLETRONICS-SM7745DEV Datasheet
153Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7745GEV PLETRONICS-SM7745GEV Datasheet
150Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545GEV PLETRONICS-SM5545GEV Datasheet
153Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545MEV PLETRONICS-SM5545MEV Datasheet
145Kb / 8P
   3.3 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com