Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5520GW-75.0MT250 Datasheet(PDF) 4 Page - Pletronics, Inc.

Part # SM5520GW-75.0MT250
Description  SM55G Series 2.5 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5520GW-75.0MT250 Datasheet(HTML) 4 Page - Pletronics, Inc.

  SM5520GW-75.0MT250 Datasheet HTML 1Page - Pletronics, Inc. SM5520GW-75.0MT250 Datasheet HTML 2Page - Pletronics, Inc. SM5520GW-75.0MT250 Datasheet HTML 3Page - Pletronics, Inc. SM5520GW-75.0MT250 Datasheet HTML 4Page - Pletronics, Inc. SM5520GW-75.0MT250 Datasheet HTML 5Page - Pletronics, Inc. SM5520GW-75.0MT250 Datasheet HTML 6Page - Pletronics, Inc. SM5520GW-75.0MT250 Datasheet HTML 7Page - Pletronics, Inc. SM5520GW-75.0MT250 Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SM55G Series 2.5 V
CMOS Clock Oscillators
April 2010
www.pletronics.com
425-776-1880
4
Electrical Specification for 2.50V +
_10% over the specified temperature range
Item
Typ
Max
Unit
Condition
Output T
RISE and TFALL
2.5
4
nS
< 35 MHz
C
LOAD = 15 pF
10% to 90% of V
CC
See Load Circuit
1.8
5
nS
> 35 MHz and < 70 MHz
13
nS
> 70 MHz
4.5
7.5
nS
< 35 MHz
C
LOAD =30 pF
10% to 90% of V
CC
See Load Circuit
26
nS
> 35 MHz and < 70 MHz
1.4
3
nS
> 70 MHz and < 110 MHz
1.2
2
nS
> 110 MHz
7.5
12
nS
< 35 MHz
C
LOAD =50 pF
10% to 90% of V
CC
See Load Circuit
38
nS
> 35 MHz and < 70 MHz
2.5
4
nS
> 70 MHz and < 130 MHz
V
CC Supply Current (ICC)3
6
mA
< 8 MHz
C
LOAD = 15 pF
3.5
7
mA
> 8 MHz and < 16 MHz
48
mA
> 16 MHz and < 35 MHz
13
29
mA
> 35 MHz and <70 MHz
20
50
mA
> 70 MHz and <110 MHz
30
70
mA
> 110 MHz
3.5
7
mA
< 8 MHz
C
LOAD = 30 pF
48
mA
> 8 MHz and < 16 MHz
5.5
10
mA
> 16 MHz and < 35 MHz
24
41
mA
> 35 MHz and <70 MHz
26
57
mA
> 70 MHz and <110 MHz
40
90
mA
> 110 MHz
5
8
mA
< 8 MHz
C
LOAD = 50 pF
611
mA
> 8 MHz and < 16 MHz
711
mA
> 16 MHz and < 35 MHz
30
51
mA
> 35 MHz and <70 MHz
34
65
mA
> 70 MHz and <110 MHz
44
80
mA
> 110 MHz and < 130 MHz
Specifications with Pad 1 E/D open circuit


Similar Part No. - SM5520GW-75.0MT250

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5520GW PLETRONICS-SM5520GW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
More results

Similar Description - SM5520GW-75.0MT250

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5545GV-750M-T250 PLETRONICS-SM5545GV-750M-T250 Datasheet
111Kb / 8P
   SM55G Series 3.3 V CMOS Clock Oscillators
SM5545GX-750M-T250 PLETRONICS-SM5545GX-750M-T250 Datasheet
111Kb / 8P
   SM55G Series 1.8 V CMOS Clock Oscillators
SM5545GEW PLETRONICS-SM5545GEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TEW PLETRONICS-SM5545TEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7645DEW PLETRONICS-SM7645DEW Datasheet
205Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745HEW PLETRONICS-SM7745HEW Datasheet
109Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545MEW PLETRONICS-SM5545MEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745GEW PLETRONICS-SM7745GEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SQ3345DESW PLETRONICS-SQ3345DESW Datasheet
135Kb / 7P
   2.5 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com