Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF350 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # IRF350
Description  N-Channel Power MOSFETs, 15A, 350V/400V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF350 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  IRF350 Datasheet HTML 1Page - Fairchild Semiconductor IRF350 Datasheet HTML 2Page - Fairchild Semiconductor IRF350 Datasheet HTML 3Page - Fairchild Semiconductor IRF350 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - IRF350

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF350 SAMSUNG-IRF350 Datasheet
212Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Intersil Corporation
IRF350 INTERSIL-IRF350 Datasheet
59Kb / 7P
   15A, 400V, 0.300 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRF350 IRF-IRF350 Datasheet
144Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=0.300ohm, Id=14A)
logo
Seme LAB
IRF350 SEME-LAB-IRF350 Datasheet
43Kb / 2P
   N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
IRF350 NJSEMI-IRF350 Datasheet
91Kb / 2P
   N-CHANNEL POWER MOSFETS
More results

Similar Description - IRF350

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6767 FAIRCHILD-2N6767 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 15A, 350V/400V
IRF340-343 FAIRCHILD-IRF340-343 Datasheet
154Kb / 5P
   N-Channel Power MOSFETs, 10A, 350V/400V
2N6759 FAIRCHILD-2N6759 Datasheet
138Kb / 5P
   N-Channel Power MOSFETs, 5.5A, 350V/400V
logo
Intersil Corporation
RFH12N35 INTERSIL-RFH12N35 Datasheet
40Kb / 5P
   12A, 350V and 400V, 0.380 Ohm, N-Channel Power MOSFETs
RFM4N35 INTERSIL-RFM4N35 Datasheet
38Kb / 4P
   4A, 350V and 400V, 2.000 Ohm, N-Channel Power MOSFETs
RFM7N35 INTERSIL-RFM7N35 Datasheet
47Kb / 4P
   7A, 350V and 400V, 0.75 Ohm, N-Channel Power MOSFETs
RFM12N35 INTERSIL-RFM12N35 Datasheet
31Kb / 4P
   12A, 350V and 400V, 0.500 Ohm, N-Channel Power MOSFETs
logo
Unisonic Technologies
15N40 UTC-15N40 Datasheet
220Kb / 6P
   15A, 400V N-CHANNEL POWER MOSFET
logo
Intersil Corporation
IRF320 INTERSIL-IRF320 Datasheet
67Kb / 7P
   2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF320 NJSEMI-IRF320 Datasheet
137Kb / 3P
   2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com