Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGAF20N60SMD Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FGAF20N60SMD
Description  600 V, 20 A Field Stop IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGAF20N60SMD Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FGAF20N60SMD Datasheet HTML 1Page - Fairchild Semiconductor FGAF20N60SMD Datasheet HTML 2Page - Fairchild Semiconductor FGAF20N60SMD Datasheet HTML 3Page - Fairchild Semiconductor FGAF20N60SMD Datasheet HTML 4Page - Fairchild Semiconductor FGAF20N60SMD Datasheet HTML 5Page - Fairchild Semiconductor FGAF20N60SMD Datasheet HTML 6Page - Fairchild Semiconductor FGAF20N60SMD Datasheet HTML 7Page - Fairchild Semiconductor FGAF20N60SMD Datasheet HTML 8Page - Fairchild Semiconductor FGAF20N60SMD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2012 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FGAF20N60SMD Rev. C2
April 2013
Absolute Maximum Ratings
Notes:
1: Repetitive rating: Pulse width limited by max. junction temperature
Symbol
Description
Ratings
Unit
VCES
Collector to Emitter Voltage
600
V
VGES
Gate to Emitter Voltage
± 20
V
IC
Collector Current
@ TC = 25
oC
40
A
Collector Current
@ TC = 100
oC
20
A
ICM (1)
Pulsed Collector Current
60
A
IF
Diode Forward Current
@ TC = 25
oC
20
A
Diode Forward Current
@ TC = 100
oC
10
A
IFM (1)
Pulsed Diode Maximum Forward Current
60
A
PD
Maximum Power Dissipation
@ TC = 25
oC
75
W
Maximum Power Dissipation
@ TC = 100
oC
37.5
W
TJ
Operating Junction Temperature
-55 to +175
oC
Tstg
Storage Temperature Range
-55 to +175
oC
TL
Maximum Lead Temp. for soldering
Purposes, 1/8” from case for 5 seconds
300
oC
G
E
C
FGAF20N60SMD
600 V, 20 A Field Stop IGBT
Features
• Maximum Junction Temperature : TJ = 175
oC
• Positive Temperaure Co-efficient for easy Parallel Operating
• High Current Capability
• Low Saturation Voltage: VCE(sat) = 1.7 V(Typ.) @ IC = 20 A
• High Input Impedance
• Fast Swiching: EOFF = 7 uJ/A
• Tightened Parameter Distribution
• RoHS Compliant
Applications
• Sewing Machine, CNC
• Home Appliances, Motor-Control
General Description
Using novel field stop IGBT technology, Fairchild®’s new series
of field stop 2nd generation IGBTs offer the optimum perfor-
mance for solar inverter, UPS, welder and PFC applications
where low conduction and switching losses are essential.


Similar Part No. - FGAF20N60SMD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGAF30S65AQ ONSEMI-FGAF30S65AQ Datasheet
302Kb / 9P
   Field Stop Trench IGBT, 30 A, 650 V
June, 2020 - Rev. 2
logo
Fairchild Semiconductor
FGAF40N60 FAIRCHILD-FGAF40N60 Datasheet
494Kb / 7P
   Ultrafast IGBT
FGAF40N60SMD FAIRCHILD-FGAF40N60SMD Datasheet
971Kb / 10P
   600 V, 40 A Field Stop IGBT
FGAF40N60UF FAIRCHILD-FGAF40N60UF Datasheet
494Kb / 7P
   Ultrafast IGBT
FGAF40N60UF FAIRCHILD-FGAF40N60UF Datasheet
288Kb / 7P
   High Speed Switching
More results

Similar Description - FGAF20N60SMD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH20N60UFD FAIRCHILD-FGH20N60UFD_13 Datasheet
282Kb / 9P
   600 V, 20 A Field Stop IGBT
FGH20N60UFDTU FAIRCHILD-FGH20N60UFDTU Datasheet
282Kb / 9P
   600 V, 20 A Field Stop IGBT
logo
ON Semiconductor
FGH20N60SFDTU ONSEMI-FGH20N60SFDTU Datasheet
812Kb / 9P
   IGBT - Field Stop 600 V, 20 A
February, 2020 - Rev. 3
logo
Fairchild Semiconductor
FGAF40N60SMD FAIRCHILD-FGAF40N60SMD Datasheet
971Kb / 10P
   600 V, 40 A Field Stop IGBT
FGH40N60UFTU FAIRCHILD-FGH40N60UFTU Datasheet
308Kb / 8P
   600 V, 40 A Field Stop IGBT
FGH40N60SFDTU FAIRCHILD-FGH40N60SFDTU Datasheet
291Kb / 9P
   600 V, 40 A Field Stop IGBT
logo
ON Semiconductor
FGH40N60SMD-F085 ONSEMI-FGH40N60SMD-F085 Datasheet
375Kb / 10P
   IGBT - Field Stop 600 V, 40 A
February, 2020 ??Rev. 4
FGH60N60SFDTU-F085 ONSEMI-FGH60N60SFDTU-F085 Datasheet
475Kb / 9P
   IGBT - Field Stop 600 V, 60 A
February, 2020 - Rev. 3
logo
Fairchild Semiconductor
FGH60N60SFD FAIRCHILD-FGH60N60SFD_V01 Datasheet
418Kb / 9P
   600 V, 60 A Field Stop IGBT
Rev. 1.4 March 2015
logo
ON Semiconductor
FGH60N60SMD ONSEMI-FGH60N60SMD Datasheet
488Kb / 11P
   IGBT - Field Stop 600 V, 60 A
January, 2020 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com