Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX6D1DYM08AC Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # MCIMX6D1DYM08AC
Description  i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
Download  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX6D1DYM08AC Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button MCIMX6D1DYM08AC Datasheet HTML 93Page - Freescale Semiconductor, Inc MCIMX6D1DYM08AC Datasheet HTML 94Page - Freescale Semiconductor, Inc MCIMX6D1DYM08AC Datasheet HTML 95Page - Freescale Semiconductor, Inc MCIMX6D1DYM08AC Datasheet HTML 96Page - Freescale Semiconductor, Inc MCIMX6D1DYM08AC Datasheet HTML 97Page - Freescale Semiconductor, Inc MCIMX6D1DYM08AC Datasheet HTML 98Page - Freescale Semiconductor, Inc MCIMX6D1DYM08AC Datasheet HTML 99Page - Freescale Semiconductor, Inc MCIMX6D1DYM08AC Datasheet HTML 100Page - Freescale Semiconductor, Inc MCIMX6D1DYM08AC Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 165 page
background image
Electrical Characteristics
i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors, Rev. 2.3
Freescale Semiconductor
97
4.11.10.2 Sensor Interface Timings
There are three camera timing modes supported by the IPU.
4.11.10.2.1 BT.656 and BT.1120 Video Mode
Smart camera sensors, which include imaging processing, usually support video mode transfer. They use
an embedded timing syntax to replace the IPU2_CSIx_VSYNC and IPU2_CSIx_HSYNC signals. The
timing syntax is defined by the BT.656/BT.1120 standards.
This operation mode follows the recommendations of ITU BT.656/ ITU BT.1120 specifications. The only
control signal used is IPU2_CSIx_PIX_CLK. Start-of-frame and active-line signals are embedded in the
data stream. An active line starts with a SAV code and ends with a EAV code. In some cases, digital
blanking is inserted in between EAV and SAV code. The CSI decodes and filters out the timing-coding
from the data stream, thus recovering IPU2_CSIx_VSYNC and IPU2_CSIx_HSYNC signals for internal
use. On BT.656 one component per cycle is received over the IPU2_CSIx_DATA_EN bus. On BT.1120
two components per cycle are received over the IPU2_CSIx_DATA_EN bus.
4.11.10.2.2 Gated Clock Mode
The IPU2_CSIx_VSYNC, IPU2_CSIx_HSYNC, and IPU2_CSIx_PIX_CLK signals are used in this
mode. See Figure 65.
Figure 65. Gated Clock Mode Timing Diagram
2 The MSB bits are duplicated on LSB bits implementing color extension.
3 The two MSB bits are duplicated on LSB bits implementing color extension.
4 YCbCr, 8 bits—Supported within the BT.656 protocol (sync embedded within the data stream).
5 RGB, 16 bits—Supported in two ways: (1) As a “generic data” input—with no on-the-fly processing; (2) With on-the-fly
processing, but only under some restrictions on the control protocol.
6 YCbCr, 16 bits—Supported as a “generic-data” input—with no on-the-fly processing.
7 YCbCr, 16 bits—Supported as a sub-case of the YCbCr, 20 bits, under the same conditions (BT.1120 protocol).
8 YCbCr, 20 bits—Supported only within the BT.1120 protocol (syncs embedded within the data stream).


Similar Part No. - MCIMX6D1DYM08AC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX6D4AVT08AC FREESCALE-MCIMX6D4AVT08AC Datasheet
2Mb / 166P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
logo
NXP Semiconductors
MCIMX6D4AVT08AC NXP-MCIMX6D4AVT08AC Datasheet
3Mb / 170P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
MCIMX6D4AVT08AC NXP-MCIMX6D4AVT08AC Datasheet
3Mb / 171P
   i.MX 6Dual/6Quad Applications Processors for Consumer Products
MCIMX6D4AVT08AC NXP-MCIMX6D4AVT08AC Datasheet
2Mb / 162P
   i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
MCIMX6D4AVT08AD NXP-MCIMX6D4AVT08AD Datasheet
3Mb / 170P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
More results

Similar Description - MCIMX6D1DYM08AC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX6DQAEC NXP-IMX6DQAEC Datasheet
3Mb / 170P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
logo
Freescale Semiconductor...
MCIMX6Q6AVT10AC FREESCALE-MCIMX6Q6AVT10AC Datasheet
2Mb / 166P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
logo
NXP Semiconductors
IMX6DQCPOPEC NXP-IMX6DQCPOPEC Datasheet
1Mb / 161P
   i.MX 6Dual/6Quad Applications Processors Consumer - PoP
Rev. 2, 11/2018
IMX6DQCEC NXP-IMX6DQCEC Datasheet
3Mb / 171P
   i.MX 6Dual/6Quad Applications Processors for Consumer Products
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
   i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SXAEC NXP-IMX6SXAEC Datasheet
4Mb / 208P
   i.MX 6SoloX Automotive and Infotainment Applications Processors
Rev. 4, 11/2018
IMX8DXAEC NXP-IMX8DXAEC Datasheet
2Mb / 143P
   i.MX 8DualX Automotive and Infotainment Applications Processors
Rev. 3, 05/2020
IMX8QMAEC NXP-IMX8QMAEC Datasheet
2Mb / 155P
   i.MX 8QuadMax Automotive and Infotainment Applications Processors
Rev. 0, 10/2019
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
   i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8QPAEC NXP-IMX8QPAEC Datasheet
2Mb / 147P
   i.MX 8QuadPlus Automotive and Infotainment Applications Processors
Rev. 2, 05/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com