Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE11XKX102KB5A Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # DE11XKX102KB5A
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE11XKX102KB5A Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button DE11XKX102KB5A Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DE11XKX102KB5A Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DE11XKX102KB5A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DE11XKX102KB5A Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DE11XKX102KB5A Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DE11XKX102KB5A Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DE11XKX102KB5A Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DE11XKX102KB5A Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. DE11XKX102KB5A Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
C85E.pdf
Jul.13,2011
7
2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
Safety Standard Certified Ceramic Capacitors
Type KH (Basic Insulation) -IEC60384-14 Class X1, Y2-
s Features
1. Operating temperature range guaranteed up to 125
degrees (UL: 85 deg.).
2. Dielectric strength: AC2600V
3. Class X1/Y2 capacitors certified by
UL/CSA/VDE/BSI/SEMKO/DEMKO/FIMKO/NEMKO/ESTI/
NSW.
4. Coated with flame-retardant epoxy resin (conforming
to UL94V-0 standard).
Please contact us when a halogen-free product*
is necessary.
* Cl=900ppm max., Br=900ppm max. and
Cl+Br=1500ppm max.
5. Taping available for automatic insertion.
s Applications
Ideal for use as X/Y capacitors for AC line filters and
primary-secondary coupling on switching power supplies
and AC adapters.
Do not use these products in any automotive
power train or safety equipment including battery
chargers for electric vehicles and plug-in hybrids.
Only Murata products clearly stipulated as
"for Automotive use" on its catalog can be used
for automobile applications such as power train and
safety equipment.
ød
F
±1.0
(in mm)
D max.
e
T max.
Lead Code
Coating Extension e
A3
Up to the end of crimp
ød
0.6
±0.05
[Bulk]
Vertical Crimp Long (A3)
ød
F
±0.8
D max.
e
T max.
(in mm)
Lead Code
Coating Extension e
B3
Up to the end of crimp
ød
0.6
±0.05
[Bulk]
Vertical Crimp Short (B3)
s Standard Certification
Standard No.
Rated Voltage
Certified No.
UL
CSA
VDE
BSI
SEMKO
DEMKO
FIMKO
NEMKO
ESTI
NSW
E37921
1343805
40002796
KM 37901
812163
314578
24195
P08209182
08.0708
6529
AC250V(r.m.s.)
UL1414
CSA E60384-14
IEC 60384-14
EN 60384-14
EN 60065 (8.8, 14.2)
IEC 60384-14
EN 60384-14
IEC 60384-14
EN 60384-14
IEC 60384-14
AS3250
• The certification number might change due to revision of the application
standard and changes in the range of acquisition.
• Please contact us when the certification of Chinese Safety Standard or South
Korean Safety Standard is necessary.
s Marking
q Type Designation
w Nominal Capacitance
(Marked with 3 figures)
e Capacitance Tolerance
r Company Name Code
: Made in Taiwan
: Made in Thailand
t Manufactured Date Code
UL Approval Mark
CSA Approval Mark
VDE Approval Mark
BSI Approval Mark
SEMKO Approval Mark
DEMKO Approval Mark
FIMKO Approval Mark
NEMKO Approval Mark
ESTI Approval Mark
Class Code
Rated Voltage Mark
KH
BSI
X1Y2
250~
FI
N
D
KH472M
X1Y2
BSI
q
w
e
r
t
8
16
MJ502
250~
Example
Item
FI
N
MJ502
8
15
D


Similar Part No. - DE11XKX102KB5A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE11XKX102KA2A MURATA-DE11XKX102KA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
More results

Similar Description - DE11XKX102KB5A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com