Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX6D4DYM08AC Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MCIMX6D4DYM08AC
Description  i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
Download  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX6D4DYM08AC Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MCIMX6D4DYM08AC Datasheet HTML 24Page - Freescale Semiconductor, Inc MCIMX6D4DYM08AC Datasheet HTML 25Page - Freescale Semiconductor, Inc MCIMX6D4DYM08AC Datasheet HTML 26Page - Freescale Semiconductor, Inc MCIMX6D4DYM08AC Datasheet HTML 27Page - Freescale Semiconductor, Inc MCIMX6D4DYM08AC Datasheet HTML 28Page - Freescale Semiconductor, Inc MCIMX6D4DYM08AC Datasheet HTML 29Page - Freescale Semiconductor, Inc MCIMX6D4DYM08AC Datasheet HTML 30Page - Freescale Semiconductor, Inc MCIMX6D4DYM08AC Datasheet HTML 31Page - Freescale Semiconductor, Inc MCIMX6D4DYM08AC Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 165 page
background image
i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors, Rev. 2.3
28
Freescale Semiconductor
Electrical Characteristics
4.1.9
PCIe 2.0 Maximum Power Consumption
Table 13 provides PCIe PHY currents for certain operating modes.
Table 13. PCIe PHY Current Drain
Mode
Test Conditions
Supply
Max Current
Unit
P0: Normal Operation
5G Operations
PCIE_VP (1.1 V)
40
mA
PCIE_VPTX (1.1 V)
20
PCIE_VPH (2.5 V)
21
2.5G Operations
PCIE_VP (1.1 V)
27
PCIE_VPTX (1.1 V)
20
PCIE_VPH (2.5 V)
20
P0s: Low Recovery Time
Latency, Power Saving State
5G Operations
PCIE_VP (1.1 V)
30
mA
PCIE_VPTX (1.1 V)
2.4
PCIE_VPH (2.5 V)
18
2.5G Operations
PCIE_VP (1.1 V)
20
PCIE_VPTX (1.1 V)
2.4
PCIE_VPH (2.5 V)
18
P1: Longer Recovery Time
Latency, Lower Power State
PCIE_VP (1.1 V)
12
mA
PCIE_VPTX (1.1 V)
2.4
PCIE_VPH (2.5 V)
12
Power Down
PCIE_VP (1.1 V)
1.3
mA
PCIE_VPTX (1.1 V)
0.18
PCIE_VPH (2.5 V)
0.36


Similar Part No. - MCIMX6D4DYM08AC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX6D4AVT08AC FREESCALE-MCIMX6D4AVT08AC Datasheet
2Mb / 166P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
logo
NXP Semiconductors
MCIMX6D4AVT08AC NXP-MCIMX6D4AVT08AC Datasheet
3Mb / 170P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
MCIMX6D4AVT08AC NXP-MCIMX6D4AVT08AC Datasheet
3Mb / 171P
   i.MX 6Dual/6Quad Applications Processors for Consumer Products
MCIMX6D4AVT08AC NXP-MCIMX6D4AVT08AC Datasheet
2Mb / 162P
   i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
MCIMX6D4AVT08AD NXP-MCIMX6D4AVT08AD Datasheet
3Mb / 170P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
More results

Similar Description - MCIMX6D4DYM08AC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX6DQAEC NXP-IMX6DQAEC Datasheet
3Mb / 170P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
logo
Freescale Semiconductor...
MCIMX6Q6AVT10AC FREESCALE-MCIMX6Q6AVT10AC Datasheet
2Mb / 166P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
logo
NXP Semiconductors
IMX6DQCPOPEC NXP-IMX6DQCPOPEC Datasheet
1Mb / 161P
   i.MX 6Dual/6Quad Applications Processors Consumer - PoP
Rev. 2, 11/2018
IMX6DQCEC NXP-IMX6DQCEC Datasheet
3Mb / 171P
   i.MX 6Dual/6Quad Applications Processors for Consumer Products
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
   i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SXAEC NXP-IMX6SXAEC Datasheet
4Mb / 208P
   i.MX 6SoloX Automotive and Infotainment Applications Processors
Rev. 4, 11/2018
IMX8DXAEC NXP-IMX8DXAEC Datasheet
2Mb / 143P
   i.MX 8DualX Automotive and Infotainment Applications Processors
Rev. 3, 05/2020
IMX8QMAEC NXP-IMX8QMAEC Datasheet
2Mb / 155P
   i.MX 8QuadMax Automotive and Infotainment Applications Processors
Rev. 0, 10/2019
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
   i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8QPAEC NXP-IMX8QPAEC Datasheet
2Mb / 147P
   i.MX 8QuadPlus Automotive and Infotainment Applications Processors
Rev. 2, 05/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com