Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3122TMX_F085 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN3122TMX_F085
Description  Single 9-A High-Speed, Low-Side Gate Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3122TMX_F085 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN3122TMX_F085 Datasheet HTML 4Page - Fairchild Semiconductor FAN3122TMX_F085 Datasheet HTML 5Page - Fairchild Semiconductor FAN3122TMX_F085 Datasheet HTML 6Page - Fairchild Semiconductor FAN3122TMX_F085 Datasheet HTML 7Page - Fairchild Semiconductor FAN3122TMX_F085 Datasheet HTML 8Page - Fairchild Semiconductor FAN3122TMX_F085 Datasheet HTML 9Page - Fairchild Semiconductor FAN3122TMX_F085 Datasheet HTML 10Page - Fairchild Semiconductor FAN3122TMX_F085 Datasheet HTML 11Page - Fairchild Semiconductor FAN3122TMX_F085 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3121 / FAN3122 • Rev. 1.0.2
8
Typical Performance Characteristics
Typical characteristics are provided at 25°C and VDD=12 V unless otherwise noted.
Figure 10. IDD (Static) vs. Supply Voltage
(14)
Figure 11. IDD (Static) vs. Supply Voltage
(14)
Figure 12. IDD (No-Load) vs. Frequency
Figure 13. IDD (No-Load) vs. Frequency
Figure 14. IDD (10 nF Load) vs. Frequency
Figure 15. IDD (10 nF Load) vs. Frequency


Similar Part No. - FAN3122TMX_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3122TMX_F085 FAIRCHILD-FAN3122TMX_F085_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
More results

Similar Description - FAN3122TMX_F085

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3121 ONSEMI-FAN3121 Datasheet
3Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
October-2017, Rev. 2
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
FAN3100C ONSEMI-FAN3100C Datasheet
1Mb / 21P
   Single 2 A High-Speed, Low-Side Gate Driver
December-2017, Rev . 2
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com