Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1683STR Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1683STR
Description  Total-Elapsed-Time and Event Recorder with Alarm
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1683STR Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1683STR Datasheet HTML 1Page - Maxim Integrated Products DS1683STR Datasheet HTML 2Page - Maxim Integrated Products DS1683STR Datasheet HTML 3Page - Maxim Integrated Products DS1683STR Datasheet HTML 4Page - Maxim Integrated Products DS1683STR Datasheet HTML 5Page - Maxim Integrated Products DS1683STR Datasheet HTML 6Page - Maxim Integrated Products DS1683STR Datasheet HTML 7Page - Maxim Integrated Products DS1683STR Datasheet HTML 8Page - Maxim Integrated Products DS1683STR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DS1683
Total-Elapsed-Time and Event Recorder with Alarm
5
Maxim Integrated
Detailed Description
The DS1683 is an elapsed-time recorder that tracks the
accumulated time the EVENT pin has been held high as
well as the number of falling edge transitions seen by the
EVENT pin. The main application is to track the accumu-
lated on-time and number of power cycles of a device or
system. Programmable alarm limits for both the accumu-
lated on-time and number of falling edges of the EVENT
pin are available so that the user can be alerted when
these conditions are met. The accumulated elapsed
time that the EVENT pin has been held high is stored
in the 4-byte Elapsed Time Counter (ETC) register. The
number of times the EVENT pin sees a falling transition is
stored in the 2-byte Event Counter register. The DS1683
includes password protection to prevent tampering with
accumulated values, alarm limits, configuration settings,
and user memory values.
The ETC, ETC Alarm Limit, Event Counter, Event Counter
Alarm Limit, Configuration, Password, and User Memory
values are stored in shadowed EEPROM. On power-up,
the values in the ETC and Event Counter are loaded into
SRAM locations. When the state of the EVENT pin causes
changes to the accumulated time and number of events,
it is these SRAM registers that are incremented.
Block Diagram
ELAPSED TIME COUNTER (ETC)
(REGISTERS 0Ah−0Dh)
GLITCH
FILTER
EVENT
ALARM
SDA
SCL
ALARM
LATCH
ETC
ALARM
ENABLE
ETC ALARM LIMIT
(REGISTERS 12h−15h)
OSCILLATOR
EVENT
ALARM
ENABLE
VCC
VCC
GND
I2C
INTERFACE
EVENT ALARM LIMIT
(REGISTERS 10h−11h)
EVENT COUNTER
(REGISTERS 08h−09h)
STATUS REGISTER
(REGISTER 01h)
CONFIGURATION REGISTER
(REGISTER 16h)
USER EEPROM
(REGISTERS 20h−2Fh)
COMMAND REGISTER
(REGISTER 00h)
PASSWORD PROTECTION
(REGISTERS 02h−05h)
(REGISTERS 1Ah−1Dh)
ALARM
POLARITY
DS1683


Similar Part No. - DS1683STR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1683S++ MAXIM-DS1683S+ Datasheet
1Mb / 21P
   Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
DS1683S+R MAXIM-DS1683S+R Datasheet
1Mb / 21P
   Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
DS1683S+T MAXIM-DS1683S+T Datasheet
1Mb / 21P
   Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
More results

Similar Description - DS1683STR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1683 MAXIM-DS1683 Datasheet
1Mb / 21P
   Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
logo
Dallas Semiconductor
DS1682 DALLAS-DS1682 Datasheet
77Kb / 13P
   Total Elapsed Time Recorder with Alarm
DS1682 DALLAS-DS1682_13 Datasheet
208Kb / 14P
   Total-Elapsed-Time Recorder with Alarm
logo
Maxim Integrated Produc...
DS1682 MAXIM-DS1682_V01 Datasheet
804Kb / 14P
   Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
DS1678 MAXIM-DS1678 Datasheet
819Kb / 25P
   Real-Time Event Recorder
100405
DS1602 MAXIM-DS1602 Datasheet
187Kb / 8P
   Elapsed Time Counter
093002
logo
Dallas Semiconductor
DS1602 DALLAS-DS1602 Datasheet
123Kb / 10P
   Elapsed Time Counter
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
240211ACAB ETC2-240211ACAB Datasheet
1Mb / 4P
   Elapsed Time Meters
logo
Dallas Semiconductor
DS1603 DALLAS-DS1603 Datasheet
104Kb / 8P
   Elapsed Time Counter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com