Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF140-143 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # IRF140-143
Description  N-Channel Power MOSFETs, 27 A, 60-100V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF140-143 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  IRF140-143 Datasheet HTML 1Page - Fairchild Semiconductor IRF140-143 Datasheet HTML 2Page - Fairchild Semiconductor IRF140-143 Datasheet HTML 3Page - Fairchild Semiconductor IRF140-143 Datasheet HTML 4Page - Fairchild Semiconductor IRF140-143 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image


Similar Part No. - IRF140-143

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Intersil Corporation
IRF140 INTERSIL-IRF140 Datasheet
55Kb / 7P
   28A, 100V, 0.077 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRF140 IRF-IRF140 Datasheet
144Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
logo
New Jersey Semi-Conduct...
IRF140 NJSEMI-IRF140 Datasheet
103Kb / 3P
   N-Channel Power MOSFETs, 27 A, 60-100 V
More results

Similar Description - IRF140-143

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF510-513 FAIRCHILD-IRF510-513 Datasheet
151Kb / 5P
   N-Channel Power MOSFETs, 5.5 A, 60-100V
logo
New Jersey Semi-Conduct...
IRF140 NJSEMI-IRF140 Datasheet
103Kb / 3P
   N-Channel Power MOSFETs, 27 A, 60-100 V
logo
Texas Instruments
CSD19531Q5A TI1-CSD19531Q5A Datasheet
1Mb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
logo
Shindengen Electric Mfg...
P30LA10SL SHINDENGEN-P30LA10SL Datasheet
1Mb / 7P
   Power MOSFETs 100V, 30A, N-channel
P50LF10SL SHINDENGEN-P50LF10SL Datasheet
1Mb / 7P
   Power MOSFETs 100V, 50A, N-channel
P19LA10SL SHINDENGEN-P19LA10SL Datasheet
1Mb / 7P
   Power MOSFETs 100V, 19A, N-channel
P23LA10SL SHINDENGEN-P23LA10SL Datasheet
1Mb / 7P
   Power MOSFETs 100V, 23A, N-channel
P32LF10SLK SHINDENGEN-P32LF10SLK Datasheet
1Mb / 7P
   Power MOSFETs 100V, 32A, N-channel
P40B10SL SHINDENGEN-P40B10SL Datasheet
1Mb / 7P
   Power MOSFETs 100V, 40A, N-channel
logo
Texas Instruments
CSD19531KCS TI1-CSD19531KCS Datasheet
838Kb / 7P
[Old version datasheet]   100V N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com