Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILC7083AIM536X Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # ILC7083AIM536X
Description  150mA SOT-23 Low Noise CMOS RF-LDO??Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC7083AIM536X Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button ILC7083AIM536X Datasheet HTML 2Page - Fairchild Semiconductor ILC7083AIM536X Datasheet HTML 3Page - Fairchild Semiconductor ILC7083AIM536X Datasheet HTML 4Page - Fairchild Semiconductor ILC7083AIM536X Datasheet HTML 5Page - Fairchild Semiconductor ILC7083AIM536X Datasheet HTML 6Page - Fairchild Semiconductor ILC7083AIM536X Datasheet HTML 7Page - Fairchild Semiconductor ILC7083AIM536X Datasheet HTML 8Page - Fairchild Semiconductor ILC7083AIM536X Datasheet HTML 9Page - Fairchild Semiconductor ILC7083AIM536X Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ILC7083/ILC7084
6
REV. 1.0.9 1/28/03
Shutdown (ON/OFF) Operation
The ILC7083/ILC7084 output can be turned off by applying
0.6V or less to the device’s ON/OFF pin (pin 3). In shutdown
mode, the ILC7083/ILC7084 draws less than 1µA quiescent
current. In shutdown mode the output of ILC7083 is coupled
to a low impedance circuit which discharges the output
capacitor. The output of the ILC7083/ILC7084 is enabled by
applying 1.5V to 13V at the ON/OFF pin. In applications
where the ILC7083 output will always remain enabled, the
ON/OFF pin may be connected to VIN (pin 1). The ILC7083/
ILC7084’s shutdown circuitry includes hysteresis, as such
the device will operate properly even if a slow moving signal
is applied to the ON/OFF pin.
Short Circuit Protection
The ILC7083/ILC7084 output can withstand momentary
short circuit to ground. Moreover, the regulator can deliver
very high output peak current due to its 1A instantaneous
short circuit current capability.
Thermal Protection
The ILC7083/ILC7084 also includes a thermal protection
circuit which shuts down the regulator when die temperature
exceeds 150°C due to overheating. In thermal shutdown,
once the die temperature cools to below 140°C, the regulator
is enabled. If the die temperature is excessive due to high
package power dissipation, the regulator’s thermal circuit
will continue to pulse the regulator on and off. This is called
thermal cycling.
Excessively high die temperature may occur due to high dif-
ferential voltage across the regulator or high load current or
high ambient temperature or a combination of all three.
Thermal protection protects the regulator from such fault
conditions and is a necessary requirement in today’s designs.
In normal operation, the die temperature should be limited to
under 150°C.
Adjustable Output Voltage
Figure 5 shows how an adjustable output voltage can be eas-
ily achieved using ILC7083/ILC7084-ADJ. The output volt-
age, VOUT is given by the following equation:
VOUT = 1.255V x (R1/R2 + 1)
Figure 3. Application Circuit for Adjustable Output Voltage
For best results, a resistor value of 470k
Ω or less may be
used for R2. The output voltage can be programmed from
2.5V to 12V.
Note that an external capacitor should not be connected
to the adjustable feedback pin (pin 4). Connecting an
external capacitor to pin 4 may cause regulator instabil-
ity and lead to oscillations.
ILC7083-ADJ
or ILC7084-ADJ
V
OUT
V
IN
C
OUT
SOT23-5
C
IN
R1
R2
ON
OFF
12
3
4
5
V
ADJ
Figure 2. ILC7083 RF LDO Regulator Block Diagram
ON/OFF
GND
V
OUT
V
IN
C
NOISE
FEEDBACK
BANDGAP
REFERENCE
V
REFD
ERROR
AMPLIFIER
TRANS-
CONDUCTANCE
AMPLIFIER
INTERNAL V
DD


Similar Part No. - ILC7083AIM536X

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC708 IMPALA-ILC708 Datasheet
74Kb / 5P
   MP SUPERVISORY CIRCUIT
ILC7080 IMPALA-ILC7080 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
logo
Fairchild Semiconductor
ILC7080 FAIRCHILD-ILC7080 Datasheet
574Kb / 16P
   50/100mA SOT-23 CMOS RF LDO Regulators
ILC7080AIM5 FAIRCHILD-ILC7080AIM5 Datasheet
574Kb / 16P
   50/100mA SOT-23 CMOS RF LDO Regulators
logo
Impala Linear Corporati...
ILC7080AIM5-285 IMPALA-ILC7080AIM5-285 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
More results

Similar Description - ILC7083AIM536X

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC7082 IMPALA-ILC7082 Datasheet
333Kb / 16P
   150MA SOT-23 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Fairchild Semiconductor
ILC7082 FAIRCHILD-ILC7082 Datasheet
205Kb / 16P
   150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator
ILC7071 FAIRCHILD-ILC7071 Datasheet
110Kb / 11P
   100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
logo
Impala Linear Corporati...
ILC7071 IMPALA-ILC7071 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com