Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2538DSPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRS2538DSPBF
Description  Magnetic Replacement Ballast IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2538DSPBF Datasheet(HTML) 5 Page - International Rectifier

  IRS2538DSPBF Datasheet HTML 1Page - International Rectifier IRS2538DSPBF Datasheet HTML 2Page - International Rectifier IRS2538DSPBF Datasheet HTML 3Page - International Rectifier IRS2538DSPBF Datasheet HTML 4Page - International Rectifier IRS2538DSPBF Datasheet HTML 5Page - International Rectifier IRS2538DSPBF Datasheet HTML 6Page - International Rectifier IRS2538DSPBF Datasheet HTML 7Page - International Rectifier IRS2538DSPBF Datasheet HTML 8Page - International Rectifier IRS2538DSPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
IRS2538DSPBF
5
www.irf.com
© 2013 International Rectifier
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may
occur.
All voltage parameters are absolute voltages referenced to COM, all currents are
defined positive into any pin.
The thermal resistance and power dissipation ratings are
measured under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
VB
High-Side Floating Supply Voltage
-0.3
625
V
VS
High-Side Floating Supply Offset Voltage
VB - 25
VB + 0.3
VHO
High-Side Floating Output Voltage
VS - 0.3
VB + 0.3
VLO
Low-Side Output Voltage
-0.3
VCC + 0.3
VVCO
VCO Input Voltage
-0.3
6
VFB
FB Input Voltage
-0.3
VCC + 0.3
ICC
Supply Current
---
20
mA
IOMAX
Maximum allowable current at LO, HO and PFC due to
external power transistor Miller effect.
-500
500
dVS/dt
Allowable VS Pin Voltage Slew Rate
-50
50
V/ns
PD
Maximum Power Dissipation @ TA  +25ºC, 8-Pin SOIC
---
0.625
W
R
JA
Thermal Resistance, Junction to Ambient, 8-Pin SOIC
---
128
ºC/W
TJ
Junction Temperature
-55
150
ºC
TS
Storage Temperature
-55
150
TL
Lead Temperature (Soldering, 10 seconds)
---
300
: This IC contains a voltage clamp structure between the chip VCC and COM which has a nominal breakdown
voltage of 15.6V. This supply pin should not be driven by a DC, low impedance power source greater than the
VCLAMP specified in the Electrical Characteristics section.


Similar Part No. - IRS2538DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2538DSPBF IRF-IRS2538DSPBF Datasheet
619Kb / 14P
   Magnetic Replacement Ballast IC
IRS2538DSPBF IRF-IRS2538DSPBF_15 Datasheet
619Kb / 14P
   Magnetic Replacement Ballast IC
More results

Similar Description - IRS2538DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2538DSPBF IRF-IRS2538DSPBF_15 Datasheet
619Kb / 14P
   Magnetic Replacement Ballast IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
   BALLAST CONTROL IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
   Ballast Control IC
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
IR2156PBF IRF-IR2156PBF_15 Datasheet
783Kb / 21P
   BALLAST CONTROL IC
logo
Samsung semiconductor
KA7531 SAMSUNG-KA7531 Datasheet
870Kb / 21P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711 Datasheet
1Mb / 23P
   Ballast Control IC
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com