Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGLN030V5-QN100YPP Datasheet(PDF) 4 Page - Microsemi Corporation

Part # AGLN030V5-QN100YPP
Description  IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGLN030V5-QN100YPP Datasheet(HTML) 4 Page - Microsemi Corporation

  AGLN030V5-QN100YPP Datasheet HTML 1Page - Microsemi Corporation AGLN030V5-QN100YPP Datasheet HTML 2Page - Microsemi Corporation AGLN030V5-QN100YPP Datasheet HTML 3Page - Microsemi Corporation AGLN030V5-QN100YPP Datasheet HTML 4Page - Microsemi Corporation AGLN030V5-QN100YPP Datasheet HTML 5Page - Microsemi Corporation AGLN030V5-QN100YPP Datasheet HTML 6Page - Microsemi Corporation AGLN030V5-QN100YPP Datasheet HTML 7Page - Microsemi Corporation AGLN030V5-QN100YPP Datasheet HTML 8Page - Microsemi Corporation AGLN030V5-QN100YPP Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 150 page
background image
IV
Revision 17
Figure 1 shows an example of device marking based on the AGL030V5-UCG81. The actual mark will vary by the device/package
combination ordered.
IGLOO nano Products Available in the Z Feature Grade
Temperature Grade Offerings
Contact your local Microsemi representative for device availability: http://www.microsemi.com/soc/contact/default.aspx.
Figure 1 •
Example of Device Marking for Small Form Factor Packages
IGLOO nano-Z Devices
AGLN030Z*
AGLN060Z*
AGLN125Z*
AGLN250Z*
Packages
QN48
QN68
UC81
CS81
CS81
CS81
CS81
VQ100
VQ100
VQ100
VQ100
Note: *Not recommended for new designs.
Package
AGLN010
AGLN015*
AGLN020
AGLN060
AGLN125
AGLN250
AGLN030Z*
AGLN060Z*
AGLN125Z*
AGLN250Z*
UC36
C, I
–––––
QN48
C, I
C, I
QN68
C, I
C, I
C, I
UC81
C, I
C, I
CS81
C, I
C, I
C, I
C, I
C, I
VQ100
C, I
C, I
C, I
C, I
Note: * Not recommended for new designs.
C = Enhanced Commercial temperature range: –20°C to +85°C junction temperature
I = Industrial temperature range: –40°C to +100°C junction temperature
ACTELXXX
AGL030YWW
UCG81XXXX
XXXXXXXX
Country of Origin
Date Code
Customer Mark
(if applicable)
Device Name
(six characters)
Package
Wafer Lot #


Similar Part No. - AGLN030V5-QN100YPP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGLN030Z MICROSEMI-AGLN030Z Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
September 2012
AGLN030Z1 MICROSEMI-AGLN030Z1 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
September 2012
More results

Similar Description - AGLN030V5-QN100YPP

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
AGL1000V2-FGG144I ACTEL-AGL1000V2-FGG144I Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V5-CSG196I MICROSEMI-AGL250V5-CSG196I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLE3000V2-FGG896I ACTEL-AGLE3000V2-FGG896I Datasheet
4Mb / 156P
   IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000L-FGG256 MICROSEMI-A3P1000L-FGG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com