Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QHA7236AB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R1QHA7236AB
Description  72-Mbit QDRII SRAM 4-word Burst
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QHA7236AB Datasheet(HTML) 3 Page - Renesas Technology Corp

  R1QHA7236AB Datasheet HTML 1Page - Renesas Technology Corp R1QHA7236AB Datasheet HTML 2Page - Renesas Technology Corp R1QHA7236AB Datasheet HTML 3Page - Renesas Technology Corp R1QHA7236AB Datasheet HTML 4Page - Renesas Technology Corp R1QHA7236AB Datasheet HTML 5Page - Renesas Technology Corp R1QHA7236AB Datasheet HTML 6Page - Renesas Technology Corp R1QHA7236AB Datasheet HTML 7Page - Renesas Technology Corp R1QHA7236AB Datasheet HTML 8Page - Renesas Technology Corp R1QHA7236AB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
R1GAA72 / R1QKA72 Series
Rev. 0.11 : 2013.01.15
hinS=11111.1111.1111.1111.1111---
00000.0000.0000.0000.0000---
00000.0000.0000.0000.0000---072M
Notes:
1. "v" represents the package size. If "v" = "G" then size is 15 x 17 mm, and if "v" = "B" then 13 x 15 mm.
2. "yy" represents the speed bin. "R1QAA7236ABB-20" can operate at 500 MHz(max) of frequency, for example.
3. The part which is not listed above is not supported, as of the day when this datasheet was issued,
in spite of the existence of the part number or datasheet.
533
500
450
400
375
333
333
300
250
200
1.875 2.00
2.22
2.50
2.66
3.00
3.00
3.30
4.00
5.00
yy
-19-20
-22-25
-27-30
-30-33
-40-50
1
x 9 R1Q 2 A72 09 A Bv- yy
-40
-50
2x18 R1Q 2 A72 18 A Bv- yy
3x36 R1Q 2 A72 36 A Bv- yy
5x18 R1Q 3 A72 18 A Bv- yy
6x36 R1Q 3 A72 36 A Bv- yy
8x18 R1Q 4 A72 18 A Bv- yy
9x36 R1Q 4 A72 36 A Bv- yy
11
x18 R1Q 5 A72 18 A Bv- yy
12
x36 R1Q 5 A72 36 A Bv- yy
14
x18 R1Q 6 A72 18 A Bv- yy
15
x36 R1Q 6 A72 36 A Bv- yy
17
x18 R1Q A A72 18 A Bv- yy
18
x36 R1Q A A72 36 A Bv- yy
20
x18 R1Q B A72 18 A Bv- yy
21
x36 R1Q B A72 36 A Bv- yy
23
x18 R1Q C A72 18 A Bv- yy
24
x36 R1Q C A72 36 A Bv- yy
26
x18 R1Q D A72 18 A Bv- yy
27
x36 R1Q D A72 36 A Bv- yy
29
x18 R1Q E A72 18 A Bv- yy
30
x36 R1Q E A72 36 A Bv- yy
32
x18 R1Q F A72 18 A Bv- yy
33
x36 R1Q F A72 36 A Bv- yy
35
x18 R1Q G A72 18 A Bv- yy
36
x36 R1Q G A72 36 A Bv- yy
38
x18 R1Q H A72 18 A Bv- yy
39
x36 R1Q H A72 36 A Bv- yy
41
x18 R1Q J A72 18 A Bv- yy
42
x36 R1Q J A72 36 A Bv- yy
44
x18 R1Q K A72 18 A Bv- yy
45
x36 R1Q K A72 36 A Bv- yy
47
x18 R1Q L A72 18 A Bv- yy
48
x36 R1Q L A72 36 A Bv- yy
50
x18 R1Q M A72 18 A Bv- yy
51
x36 R1Q M A72 36 A Bv- yy
-30
-30
QDR II+ / DDR II+
QDR II / DDR II
-30
-30
-40
-50
-33
Frequency (max)
(MHz)
Cycle Time (min)
(ns)
Part Number
-19
-19
-19
-19
-22
-22
-22
-22
B2
-19
-19
B4
B2
B2
B4
QDRII
DDRII
SIO
B2
B2
DDRII+
DDRII
B4
QDRII+
QDRII+ B4
DDRII+
B2
B4
B4
DDRII+
QDRII+ B4
DDRII+
B2
B4
QDRII+ B4
No
B4
-20
-20
-20
-20
-20
-20
-40
-40
-40
-40
-22
-22
-25
-25
-25
-33
-25
-33
-33
-25
-25
72M QDR/DDR SRAM (R1Q*A72 Series) Lineup
- Renesas supports or plans to support the parts listed below.
R10DS0172EJ0011


Similar Part No. - R1QHA7236AB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QHA7236AB RENESAS-R1QHA7236AB Datasheet
827Kb / 36P
   72-Mbit QDR SRAM 2-word Burst
R1QHA7236AB RENESAS-R1QHA7236AB Datasheet
828Kb / 36P
   72-Mbit QDR II SRAM 4-word Burst
R1QHA7236AB RENESAS-R1QHA7236AB Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7236AB RENESAS-R1QHA7236AB Datasheet
841Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7236AB RENESAS-R1QHA7236AB Datasheet
881Kb / 39P
   72-Mbit QDR II SRAM 4-word Burst
More results

Similar Description - R1QHA7236AB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QGA7236ABG RENESAS-R1QGA7236ABG Datasheet
883Kb / 39P
   72-Mbit QDRII SRAM 4-word Burst
R1QAA3636CBG RENESAS-R1QAA3636CBG Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
R1QGA3636CBG RENESAS-R1QGA3636CBG Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
R1QGA7236ABG RENESAS-R1QGA7236ABG_15 Datasheet
883Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1Q3A7236ABG RENESAS-R1Q3A7236ABG_15 Datasheet
828Kb / 36P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1QGA7236ABB RENESAS-R1QGA7236ABB_15 Datasheet
881Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1Q3A7236ABB RENESAS-R1Q3A7236ABB_15 Datasheet
831Kb / 36P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1QAA7236ABG RENESAS-R1QAA7236ABG_15 Datasheet
883Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1QAA7236ABB RENESAS-R1QAA7236ABB Datasheet
881Kb / 39P
   72-Mbit QDR II SRAM 4-word Burst
R1Q3A7236ABG RENESAS-R1Q3A7236ABG Datasheet
828Kb / 36P
   72-Mbit QDR II SRAM 4-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com