Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2788 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SK2788
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2788 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SK2788_11 Datasheet HTML 1Page - Renesas Technology Corp 2SK2788_11 Datasheet HTML 2Page - Renesas Technology Corp 2SK2788_11 Datasheet HTML 3Page - Renesas Technology Corp 2SK2788_11 Datasheet HTML 4Page - Renesas Technology Corp 2SK2788_11 Datasheet HTML 5Page - Renesas Technology Corp 2SK2788_11 Datasheet HTML 6Page - Renesas Technology Corp 2SK2788_11 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HAT2203C
Preliminary
R07DS0323EJ0500 Rev.5.00
Page 2 of 6
Mar 28, 2011
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to Source breakdown voltage
V(BR)DSS
20
V
ID = 10 mA, VGS = 0
Gate to Source breakdown voltage
V(BR)GSS
±12
IG = 100 A, VDS = 0
Gate to Source leak current
IGSS
±10
A
VGS = 10 V, VDS = 0
Drain to Source leak current
IDSS
1
A
VDS = 20 V, VGS = 0
Gate to Source cutoff voltage
VGS(off)
0.4
1.4
V
VDS = 10 V, ID = 1 mA
RDS(on)
69
90
m
ID = 1 A, VGS = 4.5 V
Note3
Drain to Source on state resistance
RDS(on)
107
150
m
ID = 1 A, VGS = 2.5 V
Note3
Forward transfer admittance
|yfs|
3
4.5
S
ID = 1 A, VDS = 10 V
Note3
Input capacitance
Ciss
165
pF
VDS = 10 V
Output capacitance
Coss
50
pF
VGS = 0
Reverse transfer capacitance
Crss
20
pF
f = 1 MHz
Turn - on delay time
td(on)
6
ns
Rise time
tr
5
ns
Turn - off delay time
td(off)
20
ns
Fall time
tf
4
ns
ID = 1 A
VGS = 10 V
RL = 10 
Rg = 4.7
Total Gate charge
Qg
1.8
nC
Gate to Source charge
Qgs
0.4
nC
Gate to Drain charge
Qgd
0.4
nC
VDD = 10 V
VGS = 4.5 V
ID = 2 A
Body - Drain diode forward voltage
VDF
0.8
1.1
V
IF = 2 A, VGS = 0
Note3
Notes: 3. Pulse test


Similar Part No. - 2SK2788_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2788 RENESAS-2SK2788_15 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - 2SK2788_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com