Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB551M3-30 Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # RB551M3-30
Description  Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

RB551M3-30 Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  RB551M3-30 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. RB551M3-30 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
A
T
HEET
chottky Barrier Diode
Absolute Maximum Ratings (Ta = 25 ℃)
Symbol
Parameter
Value
Units
V
RRM
Repetitive Peak Reverse Voltage
30
V
V
R
DC Blocking Voltage
20
V
I
O
Continuous Forward Current
500
mA
I
FSM
Non-Repetitive Peak Forward Current *1
5
A
P
D
Power Dissipation
200
mW
T
J
Junction Temperature
125
T
STG
Storage Temperature
-55 to +125
*1 8.3 ms single half sine-wave
Electrical Characteristics (Ta = 25 ℃)
Symbol
Parameter
Conditions
Min
Max
Units
BV
R
Breakdown Voltage
I
R = 500μA
30
V
I
R
Reverse Current
V
R = 20V
100
μA
V
F
Forward Voltage
I
F = 100mA
I
F = 500mA
0.36
0.47
V
V
S
/ A
S
RB551M3-30
◇ Low Forward Voltage Schottky Rectifier
◇ SOD323F Thin SMD package (Fig-1)
◇ RoHS compliant / Green EMC
◇ Matte Tin (Sn) Lead finish
◇ Moisture Level Sensitivity 1
◇ Cathode Band / Device marking
Device Marking Code
RB551M3-30
C1
0.65mm Typ
Fig.-1
Package SOD323F
C1
XINGHE ELECTRONICS
星合电子
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
1


Similar Part No. - RB551M3-30

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
RB551M3-30 SMCDIODE-RB551M3-30 Datasheet
232Kb / 4P
   RB551M3-30 Schottky Diode
More results

Similar Description - RB551M3-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com