Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QAA3636CB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R1QAA3636CB
Description  36-Mbit QDR II SRAM 4-word Burst
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QAA3636CB Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R1QAA3636CB Datasheet HTML 3Page - Renesas Technology Corp R1QAA3636CB Datasheet HTML 4Page - Renesas Technology Corp R1QAA3636CB Datasheet HTML 5Page - Renesas Technology Corp R1QAA3636CB Datasheet HTML 6Page - Renesas Technology Corp R1QAA3636CB Datasheet HTML 7Page - Renesas Technology Corp R1QAA3636CB Datasheet HTML 8Page - Renesas Technology Corp R1QAA3636CB Datasheet HTML 9Page - Renesas Technology Corp R1QAA3636CB Datasheet HTML 10Page - Renesas Technology Corp R1QAA3636CB Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
PAGE : 7
Rev. 0.10b : 2012.03.12
R1QGA36**C / R1QKA36**C Series
Output impedance matching input: This input is used to tune the device
outputs to the system data bus impedance. Q and CQ output
impedance are set to 0.2
RQ, where RQ is a resistor from this ball to
ground. This ball can be connected directly to V
DDQ, which enables the
minimum impedance mode. This ball cannot be connected directly to
V
SS or left unconnected.
In ODT (On Die Termination) enable devices, the ODT termination
values tracks the value of RQ. The ODT range is selected by ODT
control input.
Input
ZQ
1
ODT control: When low;
[Option 1] Low range mode is selected. The impedance range is
between 52
and 105
(Thevenin equivalent), which follows 0.3
RQ for 175
RQ
350
.
[Option 2] ODT is disabled.
When high; High range mode is selected. The impedance range is
between 105
and 150
(Thevenin equivalent), which follows 0.6
RQ for 175
RQ
250
.
When floating; [Option 1] High range mode is selected.
[Option 2] ODT is disabled.
Input
ODT
(II+ only)
Valid output indicator: The Q Valid indicates valid output data. QVLD is
edge aligned with CQ and /CQ.
Output
QVLD
(II+ only)
No connect: These pins can be left floating or connected to 0V
V
DDQ.
NC
Notes:
1. Renesas status: Option 1 = Available, Option 2 = Possible.
2. All power supply and ground balls must be connected for proper operation of the device.
2
2
2
Notes
HSTL input reference voltage: Nominally V
DDQ/2, but may be adjusted to
improve system noise margin. Provides a reference voltage for the
HSTL input buffers.
V
REF
Power supply: Ground.
Supply
V
SS
Power supply: Isolated output buffer supply. Nominally 1.5 V. See DC
Characteristics and Operating Conditions for range.
Supply
V
DDQ
Power supply: 1.8 V nominal. See DC Characteristics and Operating
Conditions for range.
Supply
V
DD
Synchronous data outputs: Output data is synchronized to the
respective C and /C, or to the respective K and /K if C and /C are tied
high. This bus operates in response to /R commands. See Pin
Arrangement figures for ball site location of individual signals.
The 9 device uses Q0~Q8. Q9~Q35 should be treated as NC pin.
The 18 device uses Q0~Q17. Q18~Q35 should be treated as NC pin.
The 36 device uses Q0~Q35.
Output
Q
0 to Qn
IEEE 1149.1 test output: 1.8 V I/O level.
Output
TDO
Synchronous echo clock outputs: The edges of these outputs are tightly
matched to the synchronous data outputs and can be used as a data
valid indication. These signals run freely and do not stop when Q tri-
states.
Output
CQ, /CQ
Synchronous data inputs: Input data must meet setup and hold times
around the rising edges of K and /K during WRITE operations. See Pin
Arrangement figures for ball site location of individual signals.
The 9 device uses D0~D8. D9~D35 should be treated as NC pin.
The 18 device uses D0~D17. D18~D35 should be treated as NC pin.
The 36 device uses D0~D35.
Input
D
0 to Dn
Descriptions
I/O type
Name
---
R10DS0195EJ0010


Similar Part No. - R1QAA3636CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QAA3636CB RENESAS-R1QAA3636CB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
R1QAA3636CB RENESAS-R1QAA3636CB Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
R1QAA3636CB RENESAS-R1QAA3636CB Datasheet
310Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QAA3636CB RENESAS-R1QAA3636CB Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QAA3636CB RENESAS-R1QAA3636CB Datasheet
308Kb / 38P
   36-Mbit QDRII SRAM 4-word Burst
More results

Similar Description - R1QAA3636CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMQS3A3636DGBA RENESAS-RMQS3A3636DGBA_15 Datasheet
860Kb / 30P
   36-Mbit QDR??II SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
logo
Cypress Semiconductor
CY7C1411BV18 CYPRESS-CY7C1411BV18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411AV18 CYPRESS-CY7C1411AV18_09 Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411BV18_0709 CYPRESS-CY7C1411BV18_0709 Datasheet
705Kb / 30P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411JV18 CYPRESS-CY7C1411JV18_09 Datasheet
698Kb / 28P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
logo
Renesas Technology Corp
R1Q3A3636 RENESAS-R1Q3A3636 Datasheet
1Mb / 26P
   36-Mbit QDR™II SRAM 4-word Burst
RMQS3A3636DGBA RENESAS-RMQS3A3636DGBA Datasheet
860Kb / 30P
   36-Mbit QDR™ II SRAM 4-word Burst
Jan. 13, 2015
logo
Cypress Semiconductor
CY7C1411BV18 CYPRESS-CY7C1411BV18_09 Datasheet
732Kb / 30P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411AV18 CYPRESS-CY7C1411AV18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com