Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1Q5A4436RBG Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R1Q5A4436RBG
Description  144-Mbit DDRII SRAM 2-word Burst
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1Q5A4436RBG Datasheet(HTML) 3 Page - Renesas Technology Corp

  R1Q5A4436RBG Datasheet HTML 1Page - Renesas Technology Corp R1Q5A4436RBG Datasheet HTML 2Page - Renesas Technology Corp R1Q5A4436RBG Datasheet HTML 3Page - Renesas Technology Corp R1Q5A4436RBG Datasheet HTML 4Page - Renesas Technology Corp R1Q5A4436RBG Datasheet HTML 5Page - Renesas Technology Corp R1Q5A4436RBG Datasheet HTML 6Page - Renesas Technology Corp R1Q5A4436RBG Datasheet HTML 7Page - Renesas Technology Corp R1Q5A4436RBG Datasheet HTML 8Page - Renesas Technology Corp R1Q5A4436RBG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
PAGE : ‹#›
Rev. 0.11b : 2012.06.05
R1QBA44**RBG / R1QEA44**RBG Series (Preliminary)
hinS=00000.0000.0000.0000.0000---
00000.0000.0000.0000.0000---
11111.1111.1111.1111.1111---144M
Notes:
1. "yy" represents the speed bin. "R1QAA4436RBG-20" can operate at 500 MHz(max) of frequency, for example.
2. The part which is not listed above is not supported, as of the day when this datasheet was issued,
in spite of the existence of the part number or datasheet.
144M QDR/DDR SRAM Lineup
- Renesas plans to support the parts listed below.
533
500
450
400
375
333
300
250
200
1.875 2.00
2.22
2.50
2.66
3.00
3.30
4.00
5.00
yy
-19-20
-22-25
-27-30
-33-40
-50
2
x18 R1Q 2 A44 18 RBG- yy
3
x36 R1Q 2 A44 36 RBG- yy
5
x18 R1Q 3 A44 18 RBG- yy
6
x36 R1Q 3 A44 36 RBG- yy
8
x18 R1Q 4 A44 18 RBG- yy
9
x36 R1Q 4 A44 36 RBG- yy
11
x18 R1Q 5 A44 18 RBG- yy
12
x36 R1Q 5 A44 36 RBG- yy
14
x18 R1Q 6 A44 18 RBG- yy
15
x36 R1Q 6 A44 36 RBG- yy
20
x18 R1Q A A44 18 RBG- yy
21
x36 R1Q A A44 36 RBG- yy
23
x18 R1Q B A44 18 RBG- yy
24
x36 R1Q B A44 36 RBG- yy
26
x18 R1Q C A44 18 RBG- yy
27
x36 R1Q C A44 36 RBG- yy
32
x18 R1Q D A44 18 RBG- yy
33
x36 R1Q D A44 36 RBG- yy
35
x18 R1Q E A44 18 RBG- yy
36
x36 R1Q E A44 36 RBG- yy
38
x18 R1Q F A44 18 RBG- yy
39
x36 R1Q F A44 36 RBG- yy
41
x18 R1Q N A44 18 RBG- yy
42
x36 R1Q N A44 36 RBG- yy
44
x18 R1Q G A44 18 RBG- yy
45
x36 R1Q G A44 36 RBG- yy
47
x18 R1Q H A44 18 RBG- yy
48
x36 R1Q H A44 36 RBG- yy
50
x18 R1Q J A44 18 RBG- yy
51
x36 R1Q J A44 36 RBG- yy
53
x18 R1Q P A44 18 RBG- yy
54
x36 R1Q P A44 36 RBG- yy
56
x18 R1Q K A44 18 RBG- yy
57
x36 R1Q K A44 36 RBG- yy
59
x18 R1Q L A44 18 RBG- yy
60
x36 R1Q L A44 36 RBG- yy
62
x18 R1Q M A44 18 RBG- yy
63
x36 R1Q M A44 36 RBG- yy
- : No Plan
Status
Under
Development
QDRII+
QDRII+
QDRII+ B4
B4
-40
-33
-33
-33
Under
Development
-
-40
-33
-40
-22
-20
-22
-22
No
Frequency (max)
(MHz)
Cycle Time (min)
(ns)
Part Number
QDRII
B2
DDRII
B2
B4
DDRII
SIO
B2
-50
B4
-40
-40
-33
-19
DDRII+
B2
-19
-20
-20
B4
-19
-20
-22
-22
DDRII+
B2
-19
-20
B4
-20
-22
B4
-25
B2
DDRII+
B2
-25
B4
-25
B4
-25
B2
DDRII+
B2
-25
QDRII+
Under
Development
B4
-25
-33
-19
-19
-
-
-
-
Under
Development
Under
Development
R10DS0189EJ0011


Similar Part No. - R1Q5A4436RBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q5A3609ABG40RB0 RENESAS-R1Q5A3609ABG40RB0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q5A3609ABG40RS0 RENESAS-R1Q5A3609ABG40RS0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q5A3609ABG40RT0 RENESAS-R1Q5A3609ABG40RT0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q5A3609ABG50RB0 RENESAS-R1Q5A3609ABG50RB0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q5A3609ABG50RS0 RENESAS-R1Q5A3609ABG50RS0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
More results

Similar Description - R1Q5A4436RBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q4A3636B RENESAS-R1Q4A3636B Datasheet
222Kb / 26P
   36-Mbit DDRII SRAM 2-word Burst
R1QBA3636CBG RENESAS-R1QBA3636CBG Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1Q4A7236ABB RENESAS-R1Q4A7236ABB_15 Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABB RENESAS-R1QBA7236ABB_15 Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA3636CBG RENESAS-R1QHA3636CBG Datasheet
311Kb / 38P
   36-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABG RENESAS-R1QBA7236ABG_15 Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7236ABG RENESAS-R1QHA7236ABG_15 Datasheet
893Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1Q4A7236ABB RENESAS-R1Q4A7236ABB Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABB RENESAS-R1QBA7236ABB Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1Q4A7236ABG RENESAS-R1Q4A7236ABG Datasheet
840Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
2013.01.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com