Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QCA7236AB Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R1QCA7236AB
Description  72-Mbit DDRII SRAM 2-word Burst
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QCA7236AB Datasheet(HTML) 5 Page - Renesas Technology Corp

  R1QCA7236AB Datasheet HTML 1Page - Renesas Technology Corp R1QCA7236AB Datasheet HTML 2Page - Renesas Technology Corp R1QCA7236AB Datasheet HTML 3Page - Renesas Technology Corp R1QCA7236AB Datasheet HTML 4Page - Renesas Technology Corp R1QCA7236AB Datasheet HTML 5Page - Renesas Technology Corp R1QCA7236AB Datasheet HTML 6Page - Renesas Technology Corp R1QCA7236AB Datasheet HTML 7Page - Renesas Technology Corp R1QCA7236AB Datasheet HTML 8Page - Renesas Technology Corp R1QCA7236AB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
R1Q4A7236ABG / R1Q4A7218ABG Series
Rev. 0.11 : 2013.01.15
PAGE:5
R1Q4A7209 (Top) / R1QB(H)A7209 (Mid) / R1QE(L)A7209 (Bottom)
123456789
10
11
A
/CQ
SA
SA
R-/W
NC
/K
NC
/LD
SA
SA
CQ
B
NCNCNC
SA
NC
K
/BW
SA
NCNC
DQ4
C
NCNCNC
V
SS
SA
SA
SA
V
SS
NC
NC
NC
D
NCNCNC
V
SS
V
SS
V
SS
V
SS
V
SS
NC
NC
NC
ENC
NC
DQ5
V
DDQ
V
SS
V
SS
V
SS
V
DDQ
NC
NC
DQ3
F
NCNCNC
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
NC
NC
NC
GNC
NC
DQ6
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
NC
NC
NC
H/DOFF
V
REF
V
DDQ
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
V
DDQ
V
REF
ZQ
J
NCNCNC
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
NC
DQ2
NC
K
NCNCNC
V
DDQ
V
DD
V
SS
V
DD
V
DDQ
NC
NC
NC
LNC
DQ7
NC
V
DDQ
V
SS
V
SS
V
SS
V
DDQ
NC
NC
DQ1
M
NCNCNC
V
SS
V
SS
V
SS
V
SS
V
SS
NC
NC
NC
N
NCNCNC
V
SS
SA
SA
SA
V
SS
NC
NC
NC
P
NC
NC
DQ8
SA
SA
C
QVLD
QVLD
SA
SA
NC
NC
DQ0
R
TDO
TCK
SASASA
/C
NC
ODT
SA
SA
SA
TMS
TDI
(Top View)
Notes: 1. Address expansion order for future higher density SRAMs: 10A
2A
7A
5B.
2. NC pins can be left floating or connected to 0V
V
DDQ.
3. Note that 6C is not SA0 and 7C is not SA1 in x9 product. Thus
×9 product does not
permit random start address on the two least significant address bits. SA0, SA1 = 0
at the start of each address.
Pin Arrangement
Just Reference
R10DS0177EJ0011


Similar Part No. - R1QCA7236AB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QCA7236AB RENESAS-R1QCA7236AB Datasheet
827Kb / 36P
   72-Mbit QDR SRAM 2-word Burst
R1QCA7236AB RENESAS-R1QCA7236AB Datasheet
828Kb / 36P
   72-Mbit QDR II SRAM 4-word Burst
R1QCA7236AB RENESAS-R1QCA7236AB Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QCA7236AB RENESAS-R1QCA7236AB Datasheet
881Kb / 39P
   72-Mbit QDR II SRAM 4-word Burst
R1QCA7236AB RENESAS-R1QCA7236AB Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
More results

Similar Description - R1QCA7236AB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q4A7236ABB RENESAS-R1Q4A7236ABB_15 Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABB RENESAS-R1QBA7236ABB_15 Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABG RENESAS-R1QBA7236ABG_15 Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7236ABG RENESAS-R1QHA7236ABG_15 Datasheet
893Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1Q4A7236ABB RENESAS-R1Q4A7236ABB Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABB RENESAS-R1QBA7236ABB Datasheet
895Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1Q4A7236ABG RENESAS-R1Q4A7236ABG Datasheet
840Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
2013.01.15
R1QBA7236ABG RENESAS-R1QBA7236ABG Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7236ABB RENESAS-R1QHA7236ABB_15 Datasheet
893Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1QHA7236ABG RENESAS-R1QHA7236ABG Datasheet
892Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
2013.01.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com