Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUFA76619D3S Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # HUFA76619D3S
Description  18A, 100V, 0.087 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76619D3S Datasheet(HTML) 3 Page - Fairchild Semiconductor

  HUFA76619D3S Datasheet HTML 1Page - Fairchild Semiconductor HUFA76619D3S Datasheet HTML 2Page - Fairchild Semiconductor HUFA76619D3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA76619D3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA76619D3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA76619D3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA76619D3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA76619D3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA76619D3S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2002 Fairchild Semiconductor Corporation
HUFA76619D3, HUFA76619D3S Rev. B
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. PEAK CURRENT CAPABILITY
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
175
0.2
0.4
0.6
0.8
1.0
1.2
125
150
5
10
15
20
25
50
75
100
125
150
175
0
TC, CASE TEMPERATURE (
oC)
VGS = 10V
VGS = 4.5V
0.1
1
10-5
10-4
10-3
10-2
10-1
100
101
0.01
2
t, RECTANGULAR PULSE DURATION (s)
SINGLE PULSE
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
100
10-5
10-4
10-3
10-2
10-1
100
101
200
10
t , PULSE WIDTH (s)
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
TC = 25
oC
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
VGS = 5V
VGS = 10V
HUFA76619D3, HUFA76619D3S


Similar Part No. - HUFA76619D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA76609D3 FAIRCHILD-HUFA76609D3 Datasheet
209Kb / 10P
   10A, 100V, 0.165 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
VBsemi Electronics Co.,...
HUFA76609D3 VBSEMI-HUFA76609D3 Datasheet
1Mb / 7P
   N-Channel 100 V (D-S) MOSFET
logo
Fairchild Semiconductor
HUFA76609D3S FAIRCHILD-HUFA76609D3S Datasheet
209Kb / 10P
   10A, 100V, 0.165 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76629D3 FAIRCHILD-HUFA76629D3 Datasheet
203Kb / 10P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76629D3S FAIRCHILD-HUFA76629D3S Datasheet
203Kb / 10P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results

Similar Description - HUFA76619D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76619D3 FAIRCHILD-HUF76619D3 Datasheet
215Kb / 10P
   18A, 100V, 0.087 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76619D3 INTERSIL-HUF76619D3 Datasheet
108Kb / 9P
   18A, 100V, 0.087 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76633P3 FAIRCHILD-HUF76633P3 Datasheet
218Kb / 10P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76629D3 FAIRCHILD-HUFA76629D3 Datasheet
203Kb / 10P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76629D3 FAIRCHILD-HUF76629D3 Datasheet
203Kb / 10P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76629D3 INTERSIL-HUF76629D3 Datasheet
334Kb / 9P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76633P3 INTERSIL-HUF76633P3 Datasheet
337Kb / 9P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA76639P3 FAIRCHILD-HUFA76639P3 Datasheet
219Kb / 10P
   50A, 100V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76609D3 FAIRCHILD-HUFA76609D3 Datasheet
209Kb / 10P
   10A, 100V, 0.165 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76633P3 FAIRCHILD-HUFA76633P3 Datasheet
218Kb / 10P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com