Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYIFS784BZXCT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CYIFS784BZXCT
Description  Low EMI Spectrum Spread Clock
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYIFS784BZXCT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CYIFS784BZXCT Datasheet HTML 1Page - Cypress Semiconductor CYIFS784BZXCT Datasheet HTML 2Page - Cypress Semiconductor CYIFS784BZXCT Datasheet HTML 3Page - Cypress Semiconductor CYIFS784BZXCT Datasheet HTML 4Page - Cypress Semiconductor CYIFS784BZXCT Datasheet HTML 5Page - Cypress Semiconductor CYIFS784BZXCT Datasheet HTML 6Page - Cypress Semiconductor CYIFS784BZXCT Datasheet HTML 7Page - Cypress Semiconductor CYIFS784BZXCT Datasheet HTML 8Page - Cypress Semiconductor CYIFS784BZXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FS781/82/84
Document #: 38-07029 Rev. *F
Page 2 of 12
Output Frequency Selection
Loop Filter Selection Chart
The following table provides a list of recommended loop filter
values for the FS781/82/84. The FS78X is divided into four
ranges and operated at both 3.3V and 5.5 VDC. The loop filter
at the right is representative of the loop filter components in
Table 2.
Pin Description
Pin
Name
I/O
Type
Description
1/2 (SOIC)
3/4 (TSSOP)
XIN/XOUT
I/O
Analog
Pins form an on-chip reference oscillator when connected to terminals
of an external parallel resonant crystal. XIN may be connected to
TTL/CMOS external clock source. If XIN is connected to an external clock
other than crystal, leave XOUT (pin 2) unconnected.
7/3 (SOIC)
1/5 (TSSOP)
S0 / S1
I
CMOS/TTL
Digital control inputs to select input frequency range and output
frequency scaling. Refer to Table 2 and Table 3 for selection. S0 has internal
pull-down. S1 has internal pull-up.
4 (SOIC)
6 (TSSOP)
LF
I
Analog
Loop Filter. Single ended three-state output of the phase detector. A two-pole
passive loop filter is connected to LF.
6 (SOIC)
8 (TSSOP)
FSOUT
O
CMOS/TTL
Modulated Clock Frequency Output. The center frequency is the same as
the input reference frequency for FS781. Input frequency is multiplied by 2×
and 4× for FS782 and FS784, respectively.
8 (SOIC)
2 (TSSOP)
VDD
P
Power
Positive Power Supply.
5 (SOIC)
7 (TSSOP)
VSS
P
Power
Power Supply Ground.
Table 1. FSOUT SSCG (Modulated Output Clock) Product Selection
Product Number
FSOUT Frequency Scaling
Description
FS781
1× modulated frequency of input clock
FS782
2× modulated frequency of input clock
FS784
4× modulated frequency of input clock
Block Diagram
Pin Configuration
Phase
Detector
VCO
1(3)
2(4)
Xin
Xout
10 pF.
Reference
Divider
8 pF
8 pF
250 K
VCO / N
Modulation
Control
Input Control Logic
Output
Divider
and
Mux
Power Contol
Logic
3(5)
7(1)
8(2)
5(7)
4(6)
VDD
S0
S1
FSOUT
Loop Filter
VSS
6(8)
VSS
VDD
(TSSOP Pin #)
1
2
3
4
8
7
6
5
Xin
Xout
S1
LF
VDD
S0
FSOUT
VSS
FS78x
8 Pin SOIC Package
1
2
3
4
8
7
6
5
S0
VDD
Xin
Xout
FSOUT
VSS
LF
S1
FS78x
8 Pin TSSOP Package
C8
R6
C7
LF (pin 4)
[+] Feedback


Similar Part No. - CYIFS784BZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYIFS731 CYPRESS-CYIFS731 Datasheet
2Mb / 20P
   Reduces Systemic EMI
CYIFS741 CYPRESS-CYIFS741 Datasheet
1Mb / 19P
   Reduces Systemic EMI.
More results

Similar Description - CYIFS784BZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FS791 CYPRESS-FS791 Datasheet
143Kb / 9P
   Low EMI Spectrum Spread Clock
logo
List of Unclassifed Man...
SM532 ETC1-SM532 Datasheet
132Kb / 14P
   Low EMI Spectrum Spread Clock
logo
Cypress Semiconductor
FS781 CYPRESS-FS781 Datasheet
196Kb / 12P
   Low EMI Spectrum Spread Clock
logo
Abracon Corporation
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com