Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUFA76445P3 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HUFA76445P3
Description  75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76445P3 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HUFA76445P3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA76445P3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA76445P3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA76445P3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA76445P3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA76445P3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA76445P3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA76445P3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA76445P3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA76445P3, HUFA76445S3S Rev. A
FIGURE 5. FORWARD BIAS SAFE OPERATING AREA
NOTE: Refer to Intersil Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
CAPABILITY
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. SATURATION CHARACTERISTICS
FIGURE 9. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 10. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
10
100
10
100
1000
1
1
100
µs
10ms
1ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
TJ = MAX RATED
TC = 25
oC
SINGLE PULSE
10
100
1000
0.01
0.1
1
10
tAV, TIME IN AVALANCHE (ms)
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
STARTING TJ = 25
oC
STARTING TJ = 150
oC
0
30
60
90
120
150
1.5
2
2.5
3.5
4
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 175
oC
TJ = 25
oC
TJ = -55
oC
3
30
60
90
120
150
01
2
3
4
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 3V
VGS = 3.5V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
VGS = 5V
VGS = 10V
VGS = 4V
ID = 20A
5
10
15
20
25
2468
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 75A
ID = 35A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
0.5
1.0
1.5
2.0
2.5
-80
-40
0
40
80
120
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 75A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
160
HUFA76445P3, HUFA76445S3S


Similar Part No. - HUFA76445P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA76443P3 FAIRCHILD-HUFA76443P3 Datasheet
213Kb / 10P
   75A, 60V, 0.0095 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76443S3S FAIRCHILD-HUFA76443S3S Datasheet
213Kb / 10P
   75A, 60V, 0.0095 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results

Similar Description - HUFA76445P3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76445P3 INTERSIL-HUF76445P3 Datasheet
332Kb / 9P
   75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76445P3 FAIRCHILD-HUF76445P3 Datasheet
209Kb / 10P
   75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76139P3 FAIRCHILD-HUF76139P3 Datasheet
293Kb / 11P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76139P3 INTERSIL-HUF76139P3 Datasheet
121Kb / 10P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76443P3 INTERSIL-HUF76443P3 Datasheet
336Kb / 9P
   75A, 60V, 0.0095 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA76443P3 FAIRCHILD-HUFA76443P3 Datasheet
213Kb / 10P
   75A, 60V, 0.0095 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76443P3 FAIRCHILD-HUF76443P3 Datasheet
212Kb / 10P
   75A, 60V, 0.0095 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76645P3 FAIRCHILD-HUFA76645P3 Datasheet
219Kb / 10P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76645P3 INTERSIL-HUF76645P3 Datasheet
107Kb / 9P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76645P3 FAIRCHILD-HUF76645P3 Datasheet
218Kb / 10P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com