Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE11XKH102JB4A Datasheet(PDF) 15 Page - Murata Manufacturing Co., Ltd.

Part # DE11XKH102JB4A
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE11XKH102JB4A Datasheet(HTML) 15 Page - Murata Manufacturing Co., Ltd.

Back Button DE11XKH102JB4A Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DE11XKH102JB4A Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. DE11XKH102JB4A Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. DE11XKH102JB4A Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. DE11XKH102JB4A Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. DE11XKH102JB4A Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. DE11XKH102JB4A Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. DE11XKH102JB4A Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. DE11XKH102JB4A Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 83 page
background image
C85E.pdf
Jul.13,2011
Safety Standard Certified Type KY/KH/KX Specifications and Test Methods
Continued on the following page.
Char.
Specifications
D.F.
V2.5%
D.F.
V5.0%
Q
U400+20C*1(CF30pF)
Q
U1000
(C
U30pF)
B, E
F
SL
Char.
Capacitance Change
Within
±10%
Within
+20
–55%
Within
+30
–80%
B
E
F
Char.
Temperature Coefficient
+350 to -1000ppm/
°C
SL
Type
Test Voltage
AC2600V(r.m.s.)
AC2600V(r.m.s.)
AC4000V(r.m.s.)
KY
KH
KX
Step
Temperature (ºC)
20
±2
-25
±2
20
±2
85
±2
20
±2
1
2
3
4
5
Type
Test Voltage
For lead spacing F=5mm AC2000V(r.m.s.)
For lead spacing F=7.5mm AC2600V(r.m.s.)
AC2600V(r.m.s.)
AC4000V(r.m.s.)
KY
KH
KX
*
1 "C" expresses nominal capacitance value (pF).
The lead wire of a capacitor should be dipped into molten
solder for 2
±0.5 sec.
The depth of immersion is up to about 1.5 to 2.0mm from the
root of lead wires.
Temp. of solder: Lead Free Solder (Sn-3Ag-0.5Cu) 245
±5°C
H63 Eutectic Solder 235
±5°C
8
Solderability of Leads
Lead wire should be soldered with uniform coating
on the axial direction over 3/4 of the circumferential
direction.
The capacitance measurement should be made at each step
specified in Table 3.
<Table 3>
7
Temperature Characteristics
(Temp. range: -25 to +85
°C)
(Temp. range: +20 to +85
°C)
The capacitor should not be damaged when the test voltages
from Table 1 are applied between the lead wires for 60 sec.
<Table 1>
6
Dielectric
Strength
Between Lead
Wires
No failure
Body
Insulation
No failure
First, the terminals of the capacitor
should be connected together. Then,
as shown in the figure at right, a metal
foil should be closely wrapped around
the body of the capacitor to the
distance of about 3 to 6mm from
each terminal.
Then, the capacitor should be inserted
into a container filled with metal balls
of about 1mm diameter. Finally, AC
voltage from Table 2 is applied for 60 sec. between the
capacitor lead wires and metal balls.
<Table 2>
The insulation resistance should be measured with
DC500
±50V within 60±5 sec. of charging.
The voltage should be applied to the capacitor through a
resistor of 1M
Ω.
5
Insulation Resistance (I.R.)
10000M
Ω min.
4
Dissipation Factor (D.F.)
Q
The capacitance, dissipation factor and Q should be measured
at 20˚C with 1
±0.1kHz (char. SL: 1±0.1MHz) and AC5V(r.m.s.)
max.
3
Capacitance
Within specified tolerance
The capacitor should be visually inspected.
2
Marking
To be easily legible
The capacitor should be visually inspected for evidence of
defect.
Dimensions should be measured with slide calipers.
1
Appearance and Dimensions
No visible defect, and dimensions are within
specified range.
No.
Test Method
Specifications
Item
Operating Temperature Range: -25 to +125
°C (-25 to +85°C for UL standards )
Metal
Foil
about
3 to 6mm
Metal
Balls
Type KY/KH/KX Specifications and Test Methods
13
4
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.


Similar Part No. - DE11XKH102JB4A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE11XKH102JA2A MURATA-DE11XKH102JA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
More results

Similar Description - DE11XKH102JB4A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com