Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD46364365BF1-E33Y-EQ1-A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PD46364365BF1-E33Y-EQ1-A
Description  36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD46364365BF1-E33Y-EQ1-A Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PD46364365BF1-E33Y-EQ1-A Datasheet HTML 2Page - Renesas Technology Corp PD46364365BF1-E33Y-EQ1-A Datasheet HTML 3Page - Renesas Technology Corp PD46364365BF1-E33Y-EQ1-A Datasheet HTML 4Page - Renesas Technology Corp PD46364365BF1-E33Y-EQ1-A Datasheet HTML 5Page - Renesas Technology Corp PD46364365BF1-E33Y-EQ1-A Datasheet HTML 6Page - Renesas Technology Corp PD46364365BF1-E33Y-EQ1-A Datasheet HTML 7Page - Renesas Technology Corp PD46364365BF1-E33Y-EQ1-A Datasheet HTML 8Page - Renesas Technology Corp PD46364365BF1-E33Y-EQ1-A Datasheet HTML 9Page - Renesas Technology Corp PD46364365BF1-E33Y-EQ1-A Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
μPD46364185B, μPD46364365B
R10DS0092EJ0400 Rev.4.00
Page 6 of 34
Nov 09, 2012
(2/2)
Symbol
Type
Description
CQ, CQ#
Output
Synchronous Echo Clock Outputs. The rising edges of these outputs are tightly matched to
the synchronous data outputs and can be used as a data valid indication. These signals run
freely and do not stop when Q tristates. If C and C# are stopped (if K and K# are stopped in
the single clock mode), CQ and CQ# will also stop.
ZQ
Input
Output Impedance Matching Input: This input is used to tune the device outputs to the
system data bus impedance. Q, CQ and CQ# output impedance are set to 0.2 x RQ, where
RQ is a resistor from this bump to ground. The output impedance can be minimized by
directly connect ZQ to VDDQ.
This pin cannot be connected directly to GND or left
unconnected. The output impedance is adjusted every 20
μs upon power-up to account for
drifts in supply voltage and temperature. After replacement for a resistor, the new output
impedance is reset by implementing power-on sequence.
DLL#
Input
PLL Disable: When debugging the system or board, the operation can be performed at a
clock frequency slower than TKHKH (MAX.) without the PLL circuit being used, if DLL# =
LOW. The AC/DC characteristics cannot be guaranteed. For normal operation, DLL# must
be HIGH and it can be connected to VDDQ through a 10 k
Ω or less resistor.
TMS
TDI
Input
IEEE 1149.1 Test Inputs: 1.8 V I/O level. These balls may be left Not Connected if the
JTAG function is not used in the circuit.
TCK
Input
IEEE 1149.1 Clock Input: 1.8 V I/O level. This pin must be tied to VSS if the JTAG function
is not used in the circuit.
TDO
Output
IEEE 1149.1 Test Output: 1.8 V I/O level.
When providing any external voltage to TDO signal, it is recommended to pull up to VDD.
VREF
HSTL Input Reference Voltage: Nominally VDDQ/2. Provides a reference voltage for the
input buffers.
VDD
Supply
Power Supply: 1.8 V nominal. See Recommended DC Operating Conditions and DC
Characteristics for range.
VDDQ
Supply
Power Supply: Isolated Output Buffer Supply. Nominally 1.5 V. 1.8 V is also permissible.
See Recommended DC Operating Conditions and DC Characteristics for range.
VSS
Supply
Power Supply: Ground
NC
No Connect: These signals are not connected internally.


Similar Part No. - PD46364365BF1-E33Y-EQ1-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD46364362B RENESAS-PD46364362B Datasheet
640Kb / 36P
   36M-BIT DDR II SRAM 2-WORD BURST OPERATION
PD46364362BF1-E33-EQ1 RENESAS-PD46364362BF1-E33-EQ1 Datasheet
640Kb / 36P
   36M-BIT DDR II SRAM 2-WORD BURST OPERATION
PD46364362BF1-E33-EQ1-A RENESAS-PD46364362BF1-E33-EQ1-A Datasheet
640Kb / 36P
   36M-BIT DDR II SRAM 2-WORD BURST OPERATION
PD46364362BF1-E33Y-EQ1 RENESAS-PD46364362BF1-E33Y-EQ1 Datasheet
640Kb / 36P
   36M-BIT DDR II SRAM 2-WORD BURST OPERATION
PD46364362BF1-E33Y-EQ1-A RENESAS-PD46364362BF1-E33Y-EQ1-A Datasheet
640Kb / 36P
   36M-BIT DDR II SRAM 2-WORD BURST OPERATION
More results

Similar Description - PD46364365BF1-E33Y-EQ1-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD44324185B RENESAS-PD44324185B_15 Datasheet
436Kb / 35P
   36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
UPD44324185B RENESAS-UPD44324185B Datasheet
425Kb / 35P
   36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
September 12, 2011
PD46364185B RENESAS-PD46364185B_15 Datasheet
606Kb / 35P
   36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
UPD46364185B RENESAS-UPD46364185B Datasheet
606Kb / 35P
   36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
Nov 09, 2012
PD44164095B RENESAS-PD44164095B_15 Datasheet
480Kb / 35P
   18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
UPD46184095B RENESAS-UPD46184095B Datasheet
601Kb / 34P
   18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
Nov 09, 2012
logo
NEC
UPD44324085 NEC-UPD44324085 Datasheet
360Kb / 32P
   36M-BIT DDRII SRAM SEPARATE I/O 2-WORD BURST OPERATION
logo
Renesas Technology Corp
PD46364092B RENESAS-PD46364092B Datasheet
640Kb / 36P
   36M-BIT DDR II SRAM 2-WORD BURST OPERATION
UPD46364092B RENESAS-UPD46364092B Datasheet
640Kb / 36P
   36M-BIT DDR II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
PD46184095B RENESAS-PD46184095B_15 Datasheet
601Kb / 34P
   18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com