Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD46184362BF1-E40-EQ1 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PD46184362BF1-E40-EQ1
Description  18M-BIT DDR II SRAM 2-WORD BURST OPERATION
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD46184362BF1-E40-EQ1 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PD46184362BF1-E40-EQ1 Datasheet HTML 5Page - Renesas Technology Corp PD46184362BF1-E40-EQ1 Datasheet HTML 6Page - Renesas Technology Corp PD46184362BF1-E40-EQ1 Datasheet HTML 7Page - Renesas Technology Corp PD46184362BF1-E40-EQ1 Datasheet HTML 8Page - Renesas Technology Corp PD46184362BF1-E40-EQ1 Datasheet HTML 9Page - Renesas Technology Corp PD46184362BF1-E40-EQ1 Datasheet HTML 10Page - Renesas Technology Corp PD46184362BF1-E40-EQ1 Datasheet HTML 11Page - Renesas Technology Corp PD46184362BF1-E40-EQ1 Datasheet HTML 12Page - Renesas Technology Corp PD46184362BF1-E40-EQ1 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
μPD46184182B, μPD46184362B
R10DS0114EJ0200 Rev.2.00
Page 9 of 34
Nov 09, 2012
Burst Sequence
Linear Burst Sequence Table
A0
A0
External Address
0
1
1st Internal Burst Address
1
0
Truth Table
Operation
LD# R, W#
CLK
DQ
WRITE cycle
L
L
L
→ H
Data in
Load address, input write data on
Input data
D(A1)
D(A2)
consecutive K and K# rising edge
Input clock
K(t+1)
K#(t+1)
READ cycle
L
H
L
→ H
Data out
Load address, read data on
Output data
Q(A1)
Q(A2)
consecutive C and C# rising edge
Output clock
C#(t+1)
C(t+2)
NOP (No operation)
H
×
L
→ H
High-Z
Clock stop
×
×
Stopped
Previous state
Remarks 1. H : HIGH, L : LOW,
× : don’t care, ↑ : rising edge.
2. Data inputs are registered at K and K# rising edges. Data outputs are delivered at C and C# rising edges
except if C and C# are HIGH then Data outputs are delivered at K and K# rising edges.
3. All control inputs in the truth table must meet setup/hold times around the rising edge (LOW to HIGH) of
K. All control inputs are registered during the rising edge of K.
4. This device contains circuitry that ensure the outputs to be in high impedance during power-up.
5. Refer to state diagram and timing diagrams for clarification.
6. A1 refers to the address input during a WRITE or READ cycle. A2 refers to the next internal burst
address in accordance with the linear burst sequence.
7. It is recommended that K = K# = C = C# when clock is stopped. This is not essential but permits most
rapid restart by overcoming transmission line charging symmetrically.


Similar Part No. - PD46184362BF1-E40-EQ1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD46184095B RENESAS-PD46184095B Datasheet
601Kb / 34P
   18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
PD46184095BF1-E33-EQ1 RENESAS-PD46184095BF1-E33-EQ1 Datasheet
601Kb / 34P
   18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
PD46184095BF1-E33-EQ1-A RENESAS-PD46184095BF1-E33-EQ1-A Datasheet
601Kb / 34P
   18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
PD46184095BF1-E33Y-EQ1 RENESAS-PD46184095BF1-E33Y-EQ1 Datasheet
601Kb / 34P
   18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
PD46184095BF1-E33Y-EQ1-A RENESAS-PD46184095BF1-E33Y-EQ1-A Datasheet
601Kb / 34P
   18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
More results

Similar Description - PD46184362BF1-E40-EQ1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD44164182B RENESAS-PD44164182B_15 Datasheet
528Kb / 35P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
PD46184182B RENESAS-PD46184182B_15 Datasheet
611Kb / 34P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
UPD46184182B RENESAS-UPD46184182B Datasheet
611Kb / 34P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
UPD44164182B RENESAS-UPD44164182B Datasheet
517Kb / 35P
   18M-BIT DDR II SRAM 2-WORD BURST OPERATION
October 6, 2011
UPD44164184B RENESAS-UPD44164184B Datasheet
499Kb / 33P
   18M-BIT DDR II SRAM 4-WORD BURST OPERATION
October 6, 2011
UPD46184184B RENESAS-UPD46184184B Datasheet
569Kb / 32P
   18M-BIT DDR II SRAM 4-WORD BURST OPERATION
Nov 09, 2012
PD46184184B RENESAS-PD46184184B Datasheet
569Kb / 32P
   18M-BIT DDR II SRAM 4-WORD BURST OPERATION
PD46184184B RENESAS-PD46184184B_15 Datasheet
569Kb / 32P
   18M-BIT DDR II SRAM 4-WORD BURST OPERATION
PD44164184B RENESAS-PD44164184B_15 Datasheet
511Kb / 33P
   18M-BIT DDR II SRAM 4-WORD BURST OPERATION
UPD46185092B RENESAS-UPD46185092B Datasheet
643Kb / 36P
   18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
Nov 09, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com