Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD46184095B Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PD46184095B
Description  18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD46184095B Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PD46184095B Datasheet HTML 5Page - Renesas Technology Corp PD46184095B Datasheet HTML 6Page - Renesas Technology Corp PD46184095B Datasheet HTML 7Page - Renesas Technology Corp PD46184095B Datasheet HTML 8Page - Renesas Technology Corp PD46184095B Datasheet HTML 9Page - Renesas Technology Corp PD46184095B Datasheet HTML 10Page - Renesas Technology Corp PD46184095B Datasheet HTML 11Page - Renesas Technology Corp PD46184095B Datasheet HTML 12Page - Renesas Technology Corp PD46184095B Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
μPD46184095B, μPD46184185B
R10DS0115EJ0200 Rev.2.00
Page 9 of 34
Nov 09, 2012
Truth Table
Operation
LD# R, W#
CLK
D or Q
WRITE cycle
L
L
L
→ H
Data in
Load address, input write data on
Input data
D(A+0)
D(A+1)
consecutive K and K# rising edge
Input clock
K(t+1)
K#(t+1)
READ cycle
L
H
L
→ H
Data out
Load address, read data on
Output data
Q(A+0)
Q(A+1)
consecutive C and C# rising edge
Output clock
C#(t+1)
C(t+2)
NOP (No operation)
H
×
L
→ HD = ×, Q = High-Z
Clock stop
×
×
Stopped
Previous state
Remarks 1. H : HIGH, L : LOW,
× : don’t care, ↑ : rising edge.
2. Data inputs are registered at K and K# rising edges. Data outputs are delivered at C and C# rising edges
except if C and C# are HIGH then Data outputs are delivered at K and K# rising edges.
3. All control inputs in the truth table must meet setup/hold times around the rising edge (LOW to HIGH) of
K. All control inputs are registered during the rising edge of K.
4. This device contains circuitry that ensure the outputs to be in high impedance during power-up.
5. Refer to state diagram and timing diagrams for clarification.
6. It is recommended that K = K# = C = C# when clock is stopped. This is not essential but permits most
rapid restart by overcoming transmission line charging symmetrically.


Similar Part No. - PD46184095B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD46184095B RENESAS-PD46184095B_15 Datasheet
601Kb / 34P
   18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
More results

Similar Description - PD46184095B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD44164095B RENESAS-PD44164095B_15 Datasheet
480Kb / 35P
   18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
UPD46184095B RENESAS-UPD46184095B Datasheet
601Kb / 34P
   18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
Nov 09, 2012
PD46184095B RENESAS-PD46184095B_15 Datasheet
601Kb / 34P
   18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
UPD44164095B RENESAS-UPD44164095B Datasheet
468Kb / 35P
   18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
October 6, 2011
UPD44324185B RENESAS-UPD44324185B Datasheet
425Kb / 35P
   36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
September 12, 2011
PD44324185B RENESAS-PD44324185B_15 Datasheet
436Kb / 35P
   36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
logo
NEC
UPD44164085 NEC-UPD44164085 Datasheet
375Kb / 32P
   18M-BIT DDRII SRAM SEPARATE I/O 2-WORD BURST OPERATION
logo
Renesas Technology Corp
PD46364185B RENESAS-PD46364185B_15 Datasheet
606Kb / 35P
   36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
UPD46364185B RENESAS-UPD46364185B Datasheet
606Kb / 35P
   36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
Nov 09, 2012
PD46364185B RENESAS-PD46364185B Datasheet
606Kb / 35P
   36M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com