Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVP5150AM1IZQC Datasheet(PDF) 1 Page - Texas Instruments

Part # TVP5150AM1IZQC
Description  Ultralow-Power NTSC,PAL,SECAM Video Decoder
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP5150AM1IZQC Datasheet(HTML) 1 Page - Texas Instruments

  TVP5150AM1IZQC Datasheet HTML 1Page - Texas Instruments TVP5150AM1IZQC Datasheet HTML 2Page - Texas Instruments TVP5150AM1IZQC Datasheet HTML 3Page - Texas Instruments TVP5150AM1IZQC Datasheet HTML 4Page - Texas Instruments TVP5150AM1IZQC Datasheet HTML 5Page - Texas Instruments TVP5150AM1IZQC Datasheet HTML 6Page - Texas Instruments TVP5150AM1IZQC Datasheet HTML 7Page - Texas Instruments TVP5150AM1IZQC Datasheet HTML 8Page - Texas Instruments TVP5150AM1IZQC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
TVP5150AM1
www.ti.com
SLES209E
– NOVEMBER 2007 – REVISED OCTOBER 2011
Ultralow-Power NTSC/PAL/SECAM Video Decoder
Check for Samples: TVP5150AM1
1
Introduction
1.1
Features
1
• Accepts NTSC (J, M, 4.43), PAL (B, D, G, H, I,
• Standard Programmable Video Output Formats
M, N, Nc), and SECAM (B, D, G, K, K1, L) Video
– ITU-R BT.656, 8-Bit 4:2:2 With Embedded
• Supports ITU-R BT.601 Standard Sampling
Syncs
• High-Speed 9-Bit Analog-to-Digital Converter
– 8-Bit 4:2:2 With Discrete Syncs
(ADC)
• Macrovision™ Copy Protection Detection
• Two Composite Inputs or One S-Video Input
• Advanced Programmable Video Output
• Fully Differential CMOS Analog Preprocessing
Formats
Channels With Clamping and Automatic Gain
– 2× Oversampled Raw Vertical Blanking
Control (AGC) for Best Signal-to-Noise (S/N)
Interval (VBI) Data During Active Video
Performance
– Sliced VBI Data During Horizontal Blanking
• Ultralow Power Consumption
or Active Video
• 48-Terminal PBGA Package (ZQC) or
• VBI Modes Supported
32-Terminal TQFP Package (PBS)
– Teletext (NABTS, WST)
• Power-Down Mode: <1 mW
– Closed-Caption Decode With FIFO and
• Brightness, Contrast, Saturation, Hue, and
Extended Data Services (XDS)
Sharpness Control Through I2C
– Wide Screen Signaling, Video Program
• Complementary 4-Line (3-H Delay) Adaptive
System, CGMS-A, Vertical Interval Time
Comb Filters for Both Cross-Luminance and
Code
Cross-Chrominance Noise Reduction
– Gemstar 1x/2x Electronic Program Guide
• Patented Architecture for Locking to Weak,
Compatible Mode
Noisy, or Unstable Signals
– Custom Configuration Mode That Allows
• Single 14.31818-MHz Crystal for All Standards
User to Program Slice Engine for Unique VBI
• Internal Phase-Locked Loop (PLL) for
Data Signals
Line-Locked Clock and Sampling
• Power-On Reset
• Subcarrier Genlock Output for Synchronizing
• Industrial Temperature Range
Color Subcarrier of External Encoder
(TVP5150AM1I):
–40°C to 85°C
• 3.3-V Digital I/O Supply Voltage Range
• Qualified for Automotive Applications
(AEC-Q100 Rev G
– TVP5150AM1IPBSQ1,
TVP5150AM1IPBSRQ)
1.2
Description
The TVP5150AM1 device is an ultralow-power NTSC/PAL/SECAM video decoder. Available in a
space-saving 48-terminal PBGA package or a 32-terminal TQFP package, the TVP5150AM1 decoder
converts NTSC, PAL, and SECAM video signals to 8-bit ITU-R BT.656 format. Discrete syncs are also
available. The optimized architecture of the TVP5150AM1 decoder allows for ultralow power consumption.
The decoder consumes 115-mW power under typical operating conditions and consumes less than 1 mW
in power-down mode, considerably increasing battery life in portable applications. The decoder uses just
one crystal for all supported standards. The TVP5150AM1 decoder can be programmed using an I2C
serial interface.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2007–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TVP5150AM1IZQC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5150AM1IZQC TI1-TVP5150AM1IZQC Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150AM1IZQCR TI1-TVP5150AM1IZQCR Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
More results

Similar Description - TVP5150AM1IZQC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5150AM1 TI1-TVP5150AM1 Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150AM1-EP TI-TVP5150AM1-EP Datasheet
901Kb / 79P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5151 TI1-TVP5151 Datasheet
1Mb / 85P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150PBS TI1-TVP5150PBS Datasheet
1Mb / 68P
[Old version datasheet]   Ultralow-Power NTSC/PAL Video Decoder
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VQ AKM-AK8859VQ Datasheet
703Kb / 73P
   NTSC/PAL/SECAM Digital Video Decoder
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
logo
Texas Instruments
TVP5150A TI-TVP5150A Datasheet
375Kb / 79P
[Old version datasheet]   ULTRALOW POWER NTSC/PAL/SECAM VIDEO DECODER WITH REBUST SYNC DETECTOR
G2R-14-12VDC TI1-G2R-14-12VDC Datasheet
395Kb / 73P
[Old version datasheet]   Ultralow Power NTSC/PAL/SECAM Video Decoder With RObust Sync Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com