Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD70F3561 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PD70F3561
Description  32-bit Single-Chip Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3561 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PD70F3561 Datasheet HTML 6Page - Renesas Technology Corp PD70F3561 Datasheet HTML 7Page - Renesas Technology Corp PD70F3561 Datasheet HTML 8Page - Renesas Technology Corp PD70F3561 Datasheet HTML 9Page - Renesas Technology Corp PD70F3561 Datasheet HTML 10Page - Renesas Technology Corp PD70F3561 Datasheet HTML 11Page - Renesas Technology Corp PD70F3561 Datasheet HTML 12Page - Renesas Technology Corp PD70F3561 Datasheet HTML 13Page - Renesas Technology Corp PD70F3561 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
10
R01DS0143ED0100
Electrical Target Specification
Chapter 1
Overview
Chapter 1 Overview
1.1 Naming
1.1.1
Alternative function pins
Example:
– TAUB0I0, TAUB1I5
– URTE0TX, URTE0RX, URTE1TX, URTE1RX
– CSIG0SO, CSIG0SI, CSIG0SC, CSIG0RY
1.1.2
Power supply pins
Example:
– E0VDDn, REG0VSS
If not mentioned otherwise this document neglects suffixes for power supply
pins with same functions that can be treated as equal.
Peripheral
Prefix
Function
name
Suffix
Short-cut of
macro name
Consecutive number for
same peripheral modulea
a)
This is an option that can be omitted if meaning is obvious
Peripheral
Macro pin
naming
Consecutive number
for same pin namesa
Function
Prefix
Kind of
supply
Suffix
Symbol
Consecutive number for
different functionsa
a)
This is an option that can be omitted if meaning is obvious
VDD or VSS
Consecutive number
for different pins with
same meaninga
Table 1-1
Selection for Functions
Function
Explanation
C
Core supply
REG
Internal regulator supply
OSC
Oscillator supply
F
Flash module supply
E
Standard buffer supply (mainly 5V or up to 40Mhz)
B
Standard buffer supply (mainly 3.3V or beyond 40Mhz)
A
Analog module supply (e.g. ADC)


Similar Part No. - PD70F3561

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD70F3560 RENESAS-PD70F3560 Datasheet
2Mb / 85P
   32-bit Single-Chip Microcontroller
PD70F3560 RENESAS-PD70F3560 Datasheet
273Kb / 10P
   OS Timer
PD70F3564 RENESAS-PD70F3564 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results

Similar Description - PD70F3561

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
   32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com