Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL78I1A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # RL78I1A
Description  True Low Power Platform Ultra-Low Power Technology
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78I1A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button RL78I1A Datasheet HTML 6Page - Renesas Technology Corp RL78I1A Datasheet HTML 7Page - Renesas Technology Corp RL78I1A Datasheet HTML 8Page - Renesas Technology Corp RL78I1A Datasheet HTML 9Page - Renesas Technology Corp RL78I1A Datasheet HTML 10Page - Renesas Technology Corp RL78I1A Datasheet HTML 11Page - Renesas Technology Corp RL78I1A Datasheet HTML 12Page - Renesas Technology Corp RL78I1A Datasheet HTML 13Page - Renesas Technology Corp RL78I1A Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 107 page
background image
RL78/G1C
1.
OUTLINE
Page 10 of 135
R01DS0348EJ0100
Rev.1.00
Aug 08, 2013
• 48-pin plastic WHQFN (7 × 7, 0.5 mm pitch)
(1) USB function: Host/Function controller (R5F10JGC)
24
23
22
21
20
19
18
17
16
15
14
13
37
38
39
40
41
42
43
44
45
46
47
48
36 35 34 33 32 31 30 29 28 27 26 25
1 2 3 4 5 6 7 8 9 10 11 12
UDP0
UDM0
UVBUS
UVDD
UDP1
UDM1
P14/UOVRCUR0
P15/PCLBUZ1/UVBUSEN0
P16/TI01/TO01/INTP5/UOVRCUR1
P17/TI02/TO02/UVBUSEN1
P51/INTP2/SO00/TxD0/TOOLTxD
P50/INTP1/SI00/RxD0/TOOLRxD/SDA00
P120/ANI19
P41/(TI03)/(TO03)/(INTP4)/(PCLBUZ1)
P40/TOOL0
RESET
P124/XT2/EXCLKS
P123/XT1
P137/INTP0
P122/X2/EXCLK
P121/X1
REGC
VSS
VDD
exposed die pad
INDEX MARK
Caution
Connect the REGC pin to Vss via a capacitor (0.47 to 1
μF).
Remarks 1. For pin identification, see 1.4 Pin Identification.
2. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O
redirection register (PIOR). Refer to Figure 4-8. Format of Peripheral I/O Redirection Register
(PIOR) in the RL78/G1C User’s Manual: Hardware.
3. It is recommended to connect an exposed die pad to VSS.
<R>
<R>


Similar Part No. - RL78I1A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78I1A RENESAS-RL78I1A_15 Datasheet
1Mb / 107P
   RENESAS MCU
More results

Similar Description - RL78I1A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G14 RENESAS-RL78-G14 Datasheet
2Mb / 213P
   True Low Power Platform
RL78-G11 RENESAS-RL78-G11 Datasheet
1Mb / 139P
   True Low Power Platform
RL78-G13 RENESAS-RL78-G13 Datasheet
1Mb / 202P
   True Low Power Platform
logo
STMicroelectronics
STM32L151XE STMICROELECTRONICS-STM32L151XE Datasheet
1Mb / 134P
   Ultra-low-power platform
February 2016 Rev 8
STM32L063C8 STMICROELECTRONICS-STM32L063C8 Datasheet
1Mb / 121P
   Ultra-low-power platform
March 2016 Rev 6
STM32L15XQC STMICROELECTRONICS-STM32L15XQC Datasheet
1Mb / 134P
   Ultra-low-power platform
March 2016 Rev 6
STM32L062K8 STMICROELECTRONICS-STM32L062K8 Datasheet
1Mb / 118P
   Ultra-low-power platform
March 2017 Rev 8
STM32L100C6 STMICROELECTRONICS-STM32L100C6 Datasheet
1Mb / 103P
   Ultra-low-power platform
April 2016 Rev 5
STM32L162VC STMICROELECTRONICS-STM32L162VC Datasheet
1Mb / 123P
   Ultra-low-power platform
March 2016 Rev 10
STM32L162XE STMICROELECTRONICS-STM32L162XE Datasheet
1Mb / 129P
   Ultra-low-power platform
February 2016 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com