Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS27M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS27M2
Description  Low-power CMOS dual operational amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS27M2 Datasheet(HTML) 1 Page - STMicroelectronics

  TS27M2 Datasheet HTML 1Page - STMicroelectronics TS27M2 Datasheet HTML 2Page - STMicroelectronics TS27M2 Datasheet HTML 3Page - STMicroelectronics TS27M2 Datasheet HTML 4Page - STMicroelectronics TS27M2 Datasheet HTML 5Page - STMicroelectronics TS27M2 Datasheet HTML 6Page - STMicroelectronics TS27M2 Datasheet HTML 7Page - STMicroelectronics TS27M2 Datasheet HTML 8Page - STMicroelectronics TS27M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
August 2009
Doc ID 2306 Rev 2
1/14
14
TS27M2, TS27M2A, TS27M2B
Low-power CMOS dual operational amplifiers
Features
Wide supply voltage range: 3 to 16 V
Ultra-low consumption: 150 µA/op typ
Output voltage swing to ground
Excellent phase margin on capacitive load
Gain bandwidth product: 1 MHz typ
Vio down to 2 mV max. (B version)
Description
The TS27x2 series are low-cost and low-power
dual operational amplifiers designed to operate
with high-voltage single or dual supplies. These
operational amplifiers use the ST silicon gate
CMOS process, providing an excellent
consumption-speed ratio thanks to three different
power consumptions, making them ideal for low-
consumption applications:
ICC = 10 µA/amp: TS27L2 (very low power),
ICC = 150 µA/amp: TS27M2 (low power) and
ICC = 1 mA/amp: TS272 (high speed)
The devices also offer a very high input
impedance and extremely low input currents.
Their main advantage compared to JFET devices
is the very low input current drift with temperature
(Figure 3).
N
DIP8
(Plastic package)
D
SO-8
(Plastic micropackage)
P
TSSOP8
(Thin shrink small outline package)
Pin connections (top view)
In2+
V
CC-
1
2
3
5
4
8
7
6
In1+
In1-
Out2
+
_
Out1
In2-
+
_
V
CC+
In2+
V
CC-
1
2
3
5
4
8
7
6
In1+
In1-
Out2
+
_
Out1
In2-
+
_
V
CC+
www.st.com


Similar Part No. - TS27M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS27M2AC STMICROELECTRONICS-TS27M2AC Datasheet
195Kb / 9P
   PRECISION LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
TS27M2ACD STMICROELECTRONICS-TS27M2ACD Datasheet
195Kb / 9P
   PRECISION LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
TS27M2ACN STMICROELECTRONICS-TS27M2ACN Datasheet
195Kb / 9P
   PRECISION LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
TS27M2ACP STMICROELECTRONICS-TS27M2ACP Datasheet
195Kb / 9P
   PRECISION LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
TS27M2AI STMICROELECTRONICS-TS27M2AI Datasheet
195Kb / 9P
   PRECISION LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - TS27M2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
ICL7621 INTERSIL-ICL7621_01 Datasheet
163Kb / 7P
   Dual, Low Power CMOS Operational Amplifiers
logo
STMicroelectronics
TS27M2C STMICROELECTRONICS-TS27M2C Datasheet
195Kb / 9P
   PRECISION LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
TS27L2ID STMICROELECTRONICS-TS27L2ID Datasheet
206Kb / 9P
   PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
TS27L2C STMICROELECTRONICS-TS27L2C Datasheet
203Kb / 9P
   PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
TS27L2CN STMICROELECTRONICS-TS27L2CN Datasheet
206Kb / 9P
   PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com