Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1EX24256BTAS0G Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R1EX24256BTAS0G
Description  Two-wire serial interface 256k EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24256BTAS0G Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R1EX24256BTAS0G Datasheet HTML 3Page - Renesas Technology Corp R1EX24256BTAS0G Datasheet HTML 4Page - Renesas Technology Corp R1EX24256BTAS0G Datasheet HTML 5Page - Renesas Technology Corp R1EX24256BTAS0G Datasheet HTML 6Page - Renesas Technology Corp R1EX24256BTAS0G Datasheet HTML 7Page - Renesas Technology Corp R1EX24256BTAS0G Datasheet HTML 8Page - Renesas Technology Corp R1EX24256BTAS0G Datasheet HTML 9Page - Renesas Technology Corp R1EX24256BTAS0G Datasheet HTML 10Page - Renesas Technology Corp R1EX24256BTAS0G Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
R1EX24256BSAS0G/R1EX24256BTAS0G
Functional Description
Start Condition
A high-to-low transition of the SDA with the SCL high is needed in order to start read, write operation (See start
condition and stop condition).
Stop Condition
A low-to-high transition of the SDA with the SCL high is a stop condition. The stand-by operation starts after a read
sequence by a stop condition. In the case of write operation, a stop condition terminates the write data inputs and place
the device in a internally-timed write cycle to the memories. After the internally-timed write cycle which is specified as
tWC, the device enters a standby mode (See write cycle timing).
Start Condition and Stop Condition
SCL
SDA
(in)
Stop condition
Start condition
Acknowledge
All addresses and data words are serially transmitted to and from in 8-bit words. The receiver sends a zero to
acknowledge that it has received each word. This happens during ninth clock cycle. The transmitter keeps bus open to
receive acknowledgment from the receiver at the ninth clock. In the write operation, EEPROM sends a zero to
acknowledge after receiving every 8-bit words. In the read operation, EEPROM sends a zero to acknowledge after
receiving the device address word. After sending read data, the EEPROM waits acknowledgment by keeping bus open.
If the EEPROM receives zero as an acknowledge, it sends read data of next address. If the EEPROM receives
acknowledgment "1" (no acknowledgment) and a following stop condition, it stops the read operation and enters a
stand-by mode. If the EEPROM receives neither acknowledgment "0" nor a stop condition, the EEPROM keeps bus
open without sending read data.
Acknowledge Timing Waveform
SCL
SDA IN
SDA OUT
12
8
9
Acknowledge
out
R10DS0110EJ0200 Rev.2.00
Page 7 of 16
Feb. 18, 2013


Similar Part No. - R1EX24256BTAS0G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24256BTAS0A RENESAS-R1EX24256BTAS0A Datasheet
999Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256BTAS0A RENESAS-R1EX24256BTAS0A Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 8-bit)
R1EX24256BTAS0AS0 RENESAS-R1EX24256BTAS0AS0 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 8-bit)
R1EX24256BTAS0I RENESAS-R1EX24256BTAS0I Datasheet
997Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
More results

Similar Description - R1EX24256BTAS0G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EV24002ASAS0A RENESAS-R1EV24002ASAS0A Datasheet
134Kb / 17P
   Two-wire serial interface 2k EEPROM Two-wire serial interface
logo
Sanyo Semicon Device
LE24L042CS SANYO-LE24L042CS Datasheet
200Kb / 10P
   Two Wire Serial Interface EEPROM
LE24LA322CS SANYO-LE24LA322CS Datasheet
217Kb / 11P
   Two Wire Serial Interface EEPROM
LE24LB642CS SANYO-LE24LB642CS Datasheet
224Kb / 11P
   Two Wire Serial Interface EEPROM
logo
ON Semiconductor
LE24L042CS-B ONSEMI-LE24L042CS-B Datasheet
832Kb / 11P
   Two Wire Serial Interface EEPROM
July, 2013
LE24512AQF ONSEMI-LE24512AQF Datasheet
929Kb / 14P
   Two Wire Serial Interface EEPROM
July, 2013
logo
Sanyo Semicon Device
LE24C023M SANYO-LE24C023M Datasheet
168Kb / 11P
   Two Wire Serial Interface EEPROM
logo
ON Semiconductor
LE24162LBXA ONSEMI-LE24162LBXA Datasheet
788Kb / 11P
   Two Wire Serial Interface EEPROM
July, 2013
logo
Renesas Technology Corp
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A_15 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword ??8-bit)
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A_12 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com