Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD5N62K3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD5N62K3
Description  N-channel 620 V, 1.28 ohm, 4.2 A SuperMESH3 Power MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD5N62K3 Datasheet(HTML) 4 Page - STMicroelectronics

  STD5N62K3 Datasheet HTML 1Page - STMicroelectronics STD5N62K3 Datasheet HTML 2Page - STMicroelectronics STD5N62K3 Datasheet HTML 3Page - STMicroelectronics STD5N62K3 Datasheet HTML 4Page - STMicroelectronics STD5N62K3 Datasheet HTML 5Page - STMicroelectronics STD5N62K3 Datasheet HTML 6Page - STMicroelectronics STD5N62K3 Datasheet HTML 7Page - STMicroelectronics STD5N62K3 Datasheet HTML 8Page - STMicroelectronics STD5N62K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical characteristics
STB/D/F/P/U5N62K3
4/19
Doc ID 17361 Rev 2
2
Electrical characteristics
(Tcase =25 °C unless otherwise specified)
Table 4.
On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 1 mA, VGS = 0
620
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = Max rating
VDS = Max rating, TC=125 °C
1
50
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20 V; VDS=0
±10
µA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 50 µA
3
3.75
4.5
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID = 2.1 A
1.28
1.6
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 50 V, f = 1 MHz,
VGS = 0
-
680
50
8
-
pF
pF
pF
COSS eq
(1)
1.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
Equivalent output
capacitance
VGS = 0, VDS = 0 to 496 V
16.6
pF
Rg
Gate input resistance
f=1 MHz open drain
-
4
-
Ω
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 496 V, ID = 4.2 A,
VGS = 10 V
(see Figure 20)
-
26
4
16
-
nC
nC
nC


Similar Part No. - STD5N62K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD5N60DM2 STMICROELECTRONICS-STD5N60DM2 Datasheet
817Kb / 15P
   N-channel 600 V, 1.38 (ohm) typ., 3.5 A MDmesh DM2 Power MOSFET in a DPAK package
STD5N60M2 STMICROELECTRONICS-STD5N60M2 Datasheet
1Mb / 22P
   Extremely low gate charge
June 2016 Rev 4
STD5N65M6 STMICROELECTRONICS-STD5N65M6 Datasheet
801Kb / 15P
   N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a DPAK package
May 2016
More results

Similar Description - STD5N62K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU2N62K3 STMICROELECTRONICS-STU2N62K3 Datasheet
1Mb / 25P
   N-channel 620 V, 3 ohm, 2.2 A SuperMESH3 Power MOSFET
STB4N62K3 STMICROELECTRONICS-STB4N62K3 Datasheet
1Mb / 18P
   N-channel 620 V, 1.7 廓, 3.8 A SuperMESH3 Power MOSFET
STF4N62K3 STMICROELECTRONICS-STF4N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 1.7 廓 typ., 3.8 A SuperMESH3 Power MOSFET
STB11N52K3 STMICROELECTRONICS-STB11N52K3 Datasheet
1Mb / 20P
   N-channel 525 V, 0.41 ohm, 10 A SuperMESH3 Power MOSFET
STF10N62K3 STMICROELECTRONICS-STF10N62K3 Datasheet
954Kb / 17P
   N-channel 620 V, 0.68 廓 typ., 8.4 A SuperMESH3?
STB3N62K3 STMICROELECTRONICS-STB3N62K3_09 Datasheet
554Kb / 20P
   N-channel 620 V, 2.2 OHM , 2.7 A SuperMESH3 Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
STD5N52K3 STMICROELECTRONICS-STD5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
STP5N52K3 STMICROELECTRONICS-STP5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
STFILED625 STMICROELECTRONICS-STFILED625 Datasheet
1Mb / 15P
   N-channel 620 V, 1.28 廓 typ., 5.0 A Power MOSFET in I2PAKFP and TO-220 packages
March 2013 Rev 1
STF3LN62K3 STMICROELECTRONICS-STF3LN62K3 Datasheet
1Mb / 21P
   N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFET DPAK, TO-220FP, TO-220, IPAK
February 2011 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com