Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM341T-5.0 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM341T-5.0
Description  3-Terminal Positive Voltage Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM341T-5.0 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM341T-5.0 Datasheet HTML 5Page - Texas Instruments LM341T-5.0 Datasheet HTML 6Page - Texas Instruments LM341T-5.0 Datasheet HTML 7Page - Texas Instruments LM341T-5.0 Datasheet HTML 8Page - Texas Instruments LM341T-5.0 Datasheet HTML 9Page - Texas Instruments LM341T-5.0 Datasheet HTML 10Page - Texas Instruments LM341T-5.0 Datasheet HTML 11Page - Texas Instruments LM341T-5.0 Datasheet HTML 12Page - Texas Instruments LM341T-5.0 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Application Information (Continued)
Typical Application
01048409
*Required if regulator input is more than 4 inches from input filter capacitor
(or if no input filter capacitor is used).
**Optional for improved transient response.
01048420
FIGURE 3.
θ
JA vs. 2oz Copper Area for TO-252
01048422
FIGURE 4. Maximum Allowable Power Dissipation vs.
Ambient Temperature for TO-252
01048421
FIGURE 5. Maximum Allowable Power Dissipation vs.
2oz. Copper Area for TO-252
www.national.com
9


Similar Part No. - LM341T-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM341T-5.0 NSC-LM341T-5.0 Datasheet
310Kb / 11P
   3-Terminal Positive Voltage Regulators
logo
Texas Instruments
LM341T-5.0 TI-LM341T-5.0 Datasheet
1Mb / 18P
[Old version datasheet]   Series 3-Terminal Positive Voltage Regulators
LM341T-5.0 TI1-LM341T-5.0 Datasheet
1Mb / 18P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
LM341T-5.0 TI1-LM341T-5.0 Datasheet
1Mb / 22P
[Old version datasheet]   3-Terminal 500-mA Positive Voltage Regulators
LM341T-5.0/NOPB TI-LM341T-5.0/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   Series 3-Terminal Positive Voltage Regulators
More results

Similar Description - LM341T-5.0

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com