Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL870XAEVAL1 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL870XAEVAL1
Description  Adjustable Quad Sequencer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL870XAEVAL1 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL870XAEVAL1 Datasheet HTML 1Page - Intersil Corporation ISL870XAEVAL1 Datasheet HTML 2Page - Intersil Corporation ISL870XAEVAL1 Datasheet HTML 3Page - Intersil Corporation ISL870XAEVAL1 Datasheet HTML 4Page - Intersil Corporation ISL870XAEVAL1 Datasheet HTML 5Page - Intersil Corporation ISL870XAEVAL1 Datasheet HTML 6Page - Intersil Corporation ISL870XAEVAL1 Datasheet HTML 7Page - Intersil Corporation ISL870XAEVAL1 Datasheet HTML 8Page - Intersil Corporation ISL870XAEVAL1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN6381.0
October 12, 2006
Absolute Maximum Ratings
Thermal Information
VIN, ENABLE(#), FAULT . . . . . . . . . . . . . . . . . . . . . . . 27V, to -0.3V
TIME, TB, TC, TD, UV, OV . . . . . . . . . . . . . . . . . . . . . +6V, to -0.3V
SEQ_EN(#) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VIN+0.3V, to -0.3V
ENABLE, ENABLE # Output Current . . . . . . . . . . . . . . . . . . . 10mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage Range (Nominal). . . . . . . . . . . . . . . . . . 3.3V to 24V
Thermal Resistance (Typical, Note 2)
θJA (°C/W)
14 Ld SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
110
Maximum Junction Temperature (Plastic Package) . . . . . . . +125°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300°C
(SOIC Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
2.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Nominal VIN = 3.3V to +24V, TA = TJ = -40°C to+85°C, Unless Otherwise Specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UV AND OV INPUTS
UV/OV Rising Threshold
VUVRvth
1.16
1.21
1.28
V
UV/OV Falling Threshold
VUVFvth
1.06
1.10
1.18
V
UV/OV Hysteresis
VUVhys
VUVRvth - VUVFvth
-104
-
mV
UV/OV Input Current
IUV
-10
-
nA
TIME, ENABLE/ENABLE# OUTPUTS
TIME Pin Charging Current
ITIME
-2.6
-
μA
TIME Pin Threshold
VTIME_VTH
1.9
2.0
2.25
V
Time from VIN Valid to ENABLE_A
tVINSEQpd
SEQ_EN = high, CTIME = open
-
30
-
μs
tVINSEQpd_10 SEQ_EN = high, CTIME = 10nF
-
7.7
-
ms
tVINSEQpd500 SEQ_EN = high, CTIME = 500nF
-
435
-
ms
Time from VIN Invalid to Shutdown
tshutdown
UV or OV to simultaneous shutdown
-
-
1
μs
ENABLE Output Resistance
REN
IENABLE = 1mA
-
100
-
Ω
ENABLE Output Low
Vol
IENABLE = 1mA
-
0.1
-
V
ENABLE Pull-down Current
Ipulld
ENABLE = 1V
10
15
-
mA
Delay to Subsequent ENABLE Turn-on/off
tdel_120
RTX = 120kΩ
155
195
240
ms
tdel_3
RTX = 3kΩ
3.5
4.7
6
ms
tdel_0
RTX = 0Ω
-0.5
-
ms
SEQUENCE ENABLE AND FAULT I/O
VIN Valid to FAULT Low
tFLTL
15
30
50
μs
VIN Invalid to FAULT High
tFLTH
-0.5
-
μs
FAULT Pull-down Current
FAULT = 1V
10
15
-
mA
SEQ_EN Pull-up Voltage
VSEQ
SEQ_EN open
-
2.4
-
V
SEQ_EN Low Threshold Voltage
VilSEQ_EN
--
0.3
V
SEQ_EN High Threshold Voltage
VihSEQ_EN
1.2
-
-
V
Delay to ENABLE_A Deasserted
tSEQ_EN_ENA SEQ_EN low to ENABLE_A low
-
0.2
1
μs
BIAS
IC Supply Current
IVIN_3.3V
VIN = 3.3V
-
191
-
μA
IVIN_12V
VIN = 12V
-
246
400
μA
IVIN_24V
VIN = 24V
-
286
-
μA
VIN Power On Reset
VIN_POR
VIN low to high
-
2.3
2.8
V
ISL8700A, ISL8701A, ISL8702A, ISL8703A, ISL8704A, ISL8705A


Similar Part No. - ISL870XAEVAL1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL870XAEVAL1 RENESAS-ISL870XAEVAL1 Datasheet
607Kb / 12P
   Adjustable Delay to Subsequent Enable Signal
logo
Intersil Corporation
ISL870XAEVAL1 INTERSIL-ISL870XAEVAL1 Datasheet
287Kb / 12P
   Adjustable Quad Sequencer
October 12, 2006
More results

Similar Description - ISL870XAEVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8702IBZ-T INTERSIL-ISL8702IBZ-T Datasheet
295Kb / 13P
   Adjustable Quad Sequencer
ISL8700 INTERSIL-ISL8700 Datasheet
295Kb / 13P
   Adjustable Quad Sequencer
logo
Altera Corporation
ES1022SI ALTERA-ES1022SI Datasheet
1,000Kb / 14P
   Adjustable Quad Sequencer
logo
Renesas Technology Corp
ISL8700 RENESAS-ISL8700 Datasheet
656Kb / 13P
   Adjustable Quad Sequencer
logo
Intersil Corporation
ISL8700A INTERSIL-ISL8700A Datasheet
287Kb / 12P
   Adjustable Quad Sequencer
October 12, 2006
logo
Linear Technology
LTC2924 LINER-LTC2924_15 Datasheet
365Kb / 22P
   Quad Power Supply Sequencer
LTC2924 LINER-LTC2924 Datasheet
531Kb / 20P
   Quad Power Supply Sequencer
logo
Analog Devices
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com