Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM78M12CH Datasheet(PDF) 3 Page - Texas Instruments

Part # LM78M12CH
Description  3-Terminal Positive Voltage Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM78M12CH Datasheet(HTML) 3 Page - Texas Instruments

  LM78M12CH Datasheet HTML 1Page - Texas Instruments LM78M12CH Datasheet HTML 2Page - Texas Instruments LM78M12CH Datasheet HTML 3Page - Texas Instruments LM78M12CH Datasheet HTML 4Page - Texas Instruments LM78M12CH Datasheet HTML 5Page - Texas Instruments LM78M12CH Datasheet HTML 6Page - Texas Instruments LM78M12CH Datasheet HTML 7Page - Texas Instruments LM78M12CH Datasheet HTML 8Page - Texas Instruments LM78M12CH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Lead Temperature (Soldering, 10 seconds)
TO-39 Package (H)
300˚C
TO-220 Package (T)
260˚C
Storage Temperature Range
−65˚C to +150˚C
Operating Junction Temperature
Range
−40˚C to +125˚C
Power Dissipation (Note 2)
Internally Limited
Input Voltage
5V
≤ V
O
≤ 15V
35V
ESD Susceptibility
TBD
Electrical Characteristics
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the −40˚C to +125˚C operating temperature
range. Limits are guaranteed by production testing or correlation techniques using standard Statistical Quality Control (SQC)
methods.
LM341-5.0, LM78M05C
Unless otherwise specified: V
IN = 10V, CIN = 0.33 µF, CO = 0.1 µF
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
O
Output Voltage
I
L= 500 mA
4.8
5.0
5.2
V
5mA
≤ I
L
≤ 500 mA
4.75
5.0
5.25
P
D
≤ 7.5W, 7.5V ≤ V
IN
≤ 20V
V
R LINE
Line Regulation
7.2V
≤ V
IN
≤ 25V
I
L = 100 mA
50
mV
I
L = 500 mA
100
V
R LOAD
Load Regulation
5 mA
≤ I
L
≤ 500 mA
100
I
Q
Quiescent Current
I
L = 500 mA
4
10.0
mA
∆I
Q
Quiescent Current Change
5 mA
≤ I
L
≤ 500 mA
0.5
7.5V
≤ V
IN
≤ 25V, I
L = 500 mA
1.0
V
n
Output Noise Voltage
f = 10 Hz to 100 kHz
40
µV
Ripple Rejection
f = 120 Hz, I
L = 500 mA
78
dB
V
IN
Input Voltage Required
I
L = 500 mA
7.2
V
to Maintain Line Regulation
∆V
O
Long Term Stability
I
L = 500 mA
20
mV/khrs
www.national.com
2


Similar Part No. - LM78M12CH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78M12CH NSC-LM78M12CH Datasheet
310Kb / 11P
   3-Terminal Positive Voltage Regulators
LM78M12CH NSC-LM78M12CH Datasheet
240Kb / 7P
   3-Terminal Positive Voltage Regulators
More results

Similar Description - LM78M12CH

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com