Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8701IBZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL8701IBZ
Description  Adjustable Quad Sequencer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8701IBZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL8701IBZ Datasheet HTML 5Page - Intersil Corporation ISL8701IBZ Datasheet HTML 6Page - Intersil Corporation ISL8701IBZ Datasheet HTML 7Page - Intersil Corporation ISL8701IBZ Datasheet HTML 8Page - Intersil Corporation ISL8701IBZ Datasheet HTML 9Page - Intersil Corporation ISL8701IBZ Datasheet HTML 10Page - Intersil Corporation ISL8701IBZ Datasheet HTML 11Page - Intersil Corporation ISL8701IBZ Datasheet HTML 12Page - Intersil Corporation ISL8701IBZ Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN9250.2
March 21, 2008
Applications Usage
Using the ISL870xEVAL1 Platform
The ISL870xEVAL1 platform is the primary evaluation board
for this family of sequencers. See Figure 15 for a photograph
and schematic.The evaluation board is shipped with an
ISL8702 mounted in the left position and with the other
device variants loosely packed. In the following discussion,
test points names are bold on initial occurrence for
identification.
The VIN test point is the chip bias and can be biased from
2.5V to 24V. The VHI test point is for the ENABLE and
FAULT pull-up voltage which are limited to a maximum of
24V independent of VIN. The UV/OV resistor divider is set so
that a nominal 12V on the VMONITOR test point is compliant
and with a rising OV set at 13.2V and a falling UV set at
10.7V. These three test points (VIN,VHI and VMONITOR)
are brought out separately for maximum flexibility in
evaluation.
VMONITOR ramping up and down through the UV and OV
levels will result in the FAULT output signaling the out of
bound conditions by being released to pull high to the VHI
voltage as shown in Figures 6 and 7.
Once the voltage monitoring FAULT is resolved and where
applicable, the SEQ_EN(#) is satisfied, sequencing of the
ENABLE_X(#) outputs begins. When sequence enabled the
ENABLE_A, ENABLE_B, ENABLE_C and lastly
ENABLE_D are asserted in that order and when SEQ_EN is
disabled, the order is reversed. See Figures 8 and 9
demonstrating the sequenced enabling and disabling of the
ENABLE outputs. The timing between ENABLE outputs is
set by the resistor values on the TB, TC, TD pins as shown.
Figure 10 illustrates the timing from either SEQ_EN and/or
VMONITOR being valid to ENABLE_A being asserted with a
10nF TIME capacitor. Figure 11 shows that ENABLE_X
outputs are pulled low even before VIN = 1V. This is critical
to ensure that a false enable is not signaled. Figure 12
shows the time from SEQ_EN transition with the voltage
ramping across the TIME capacitor to TIME Vth being met.
This results in the immediate pull down of the TIME pin and
simultaneous ENABLE_A enabling. Figure 13 illustrates the
immunity of the UV and OV inputs to transients.
FIGURE 6. VMONITOR RISING TO FAULT
FIGURE 7. VMONITOR FALLING TO FAULT
FAULT OUTPUT
VMON RISING
VMON > UV
VMON > OV
LEVEL
LEVEL
VMON FALLING
VMON > OV
VMON > UV
LEVEL
LEVEL
FAULT OUTPUT
ISL8700, ISL8701, ISL8702


Similar Part No. - ISL8701IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8701IBZ INTERSIL-ISL8701IBZ Datasheet
295Kb / 13P
   Adjustable Quad Sequencer
logo
Renesas Technology Corp
ISL8701IBZ RENESAS-ISL8701IBZ Datasheet
656Kb / 13P
   Adjustable Quad Sequencer
More results

Similar Description - ISL8701IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8700 INTERSIL-ISL8700 Datasheet
295Kb / 13P
   Adjustable Quad Sequencer
ISL8700AIBZ INTERSIL-ISL8700AIBZ Datasheet
289Kb / 12P
   Adjustable Quad Sequencer
logo
Altera Corporation
ES1022SI ALTERA-ES1022SI Datasheet
1,000Kb / 14P
   Adjustable Quad Sequencer
logo
Renesas Technology Corp
ISL8700 RENESAS-ISL8700 Datasheet
656Kb / 13P
   Adjustable Quad Sequencer
logo
Intersil Corporation
ISL8700A INTERSIL-ISL8700A Datasheet
287Kb / 12P
   Adjustable Quad Sequencer
October 12, 2006
logo
Linear Technology
LTC2924 LINER-LTC2924_15 Datasheet
365Kb / 22P
   Quad Power Supply Sequencer
LTC2924 LINER-LTC2924 Datasheet
531Kb / 20P
   Quad Power Supply Sequencer
logo
Analog Devices
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com