Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUFA76409P3 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HUFA76409P3
Description  17A, 60V, 0.070 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76409P3 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HUFA76409P3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA76409P3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA76409P3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA76409P3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA76409P3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA76409P3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA76409P3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA76409P3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA76409P3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA76409P3 Rev. B
FIGURE 5. FORWARD BIAS SAFE OPERATING AREA
NOTE: Refer to Fairchild Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
CAPABILITY
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. SATURATION CHARACTERISTICS
FIGURE 9. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 10. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
100
µs
1
10
100
110
0.1
100
10ms
1ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
TJ = MAX RATED TC = 25
oC
SINGLE PULSE
10
60
0.01
0.1
1
10
100
1
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
5
10
15
20
1.0
3.0
4.0
5.0
0
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 175
oC
TJ = 25
oC
TJ = -55
oC
2.0
5
10
15
20
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 3V
VGS = 4V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
01234
0
VGS = 3.5V
TC = 25
oC
VGS = 5V
VGS = 10V
50
60
80
24
6
8
10
40
ID = 7A
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
ID = 17A
ID = 12A
70
1.0
1.5
2.0
2.5
-80
-40
0
40
80
120
160
200
0.5
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 18A
PULSE DURATION = 80ms
DUTY CYCLE = 0.5% MAX
HUFA76409P3


Similar Part No. - HUFA76409P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA76409D3 FAIRCHILD-HUFA76409D3 Datasheet
206Kb / 10P
   17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76409D3S FAIRCHILD-HUFA76409D3S Datasheet
206Kb / 10P
   17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results

Similar Description - HUFA76409P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76409P3 FAIRCHILD-HUF76409P3 Datasheet
207Kb / 10P
   17A, 60V, 0.070 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76409P3 INTERSIL-HUF76409P3 Datasheet
105Kb / 9P
   17A, 60V, 0.070 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76409D3 FAIRCHILD-HUF76409D3 Datasheet
206Kb / 10P
   17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76409D3 INTERSIL-HUF76409D3 Datasheet
335Kb / 9P
   17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
RFD12N06RLE FAIRCHILD-RFD12N06RLE Datasheet
215Kb / 10P
   17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76409D3 FAIRCHILD-HUFA76409D3 Datasheet
206Kb / 10P
   17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76407D3 FAIRCHILD-HUF76407D3 Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76437P3 FAIRCHILD-HUF76437P3 Datasheet
217Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76407P3 FAIRCHILD-HUF76407P3 Datasheet
209Kb / 10P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76445P3 FAIRCHILD-HUF76445P3 Datasheet
209Kb / 10P
   75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com