Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL3150EIBZ Datasheet(PDF) 16 Page - Intersil Corporation

Part No. ISL3150EIBZ
Description  ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3150EIBZ Datasheet(HTML) 16 Page - Intersil Corporation

Back Button ISL3150EIBZ Datasheet HTML 12Page - Intersil Corporation ISL3150EIBZ Datasheet HTML 13Page - Intersil Corporation ISL3150EIBZ Datasheet HTML 14Page - Intersil Corporation ISL3150EIBZ Datasheet HTML 15Page - Intersil Corporation ISL3150EIBZ Datasheet HTML 16Page - Intersil Corporation ISL3150EIBZ Datasheet HTML 17Page - Intersil Corporation ISL3150EIBZ Datasheet HTML 18Page - Intersil Corporation ISL3150EIBZ Datasheet HTML 19Page - Intersil Corporation ISL3150EIBZ Datasheet HTML 20Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16
FN6363.2
July 30, 2009
FIGURE 20. DRIVER AND RECEIVER WAVEFORMS,
(ISL3156E, ISL3158E)
FIGURE 21. RECEIVER OUTPUT CURRENT vs
RECEIVER OUTPUT VOLTAGE
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
530
PROCESS:
Si Gate BiCMOS
Typical Performance Curves V
CC = 5V, TA = +25°C; Unless Otherwise Specified. (Continued)
1
4
5
2
3
TIME (20ns/DIV)
RDIFF = 54Ω, CL = 100pF
0
5
0
5
DI
RO
B/Z
A/Y
RECEIVER OUTPUT VOLTAGE (V)
01
2345
0
10
20
30
50
60
40
VOH, +25°C
VOH, +85°C
VOL, +25°C
VOL, +85°C
ISL3150E, ISL3152E, ISL3153E, ISL3155E, ISL3156E, ISL3158E


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn