Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL3150EIBZ Datasheet(PDF) 14 Page - Intersil Corporation

Part No. ISL3150EIBZ
Description  ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3150EIBZ Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ISL3150EIBZ Datasheet HTML 10Page - Intersil Corporation ISL3150EIBZ Datasheet HTML 11Page - Intersil Corporation ISL3150EIBZ Datasheet HTML 12Page - Intersil Corporation ISL3150EIBZ Datasheet HTML 13Page - Intersil Corporation ISL3150EIBZ Datasheet HTML 14Page - Intersil Corporation ISL3150EIBZ Datasheet HTML 15Page - Intersil Corporation ISL3150EIBZ Datasheet HTML 16Page - Intersil Corporation ISL3150EIBZ Datasheet HTML 17Page - Intersil Corporation ISL3150EIBZ Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
FN6363.2
July 30, 2009
Typical Performance Curves V
CC = 5V, TA = +25°C; Unless Otherwise Specified.
FIGURE 8. DRIVER OUTPUT CURRENT vs
DIFFERENTIAL OUTPUT VOLTAGE
FIGURE 9. DRIVER DIFFERENTIAL OUTPUT VOLTAGE
vs TEMPERATURE
FIGURE 10. DRIVER OUTPUT CURRENT vs SHORT
CIRCUIT VOLTAGE
FIGURE 11. SUPPLY CURRENT vs TEMPERATURE
FIGURE 12. DRIVER DIFFERENTIAL PROPAGATION
DELAY vs TEMPERATURE (ISL3150E,
ISL3152E)
FIGURE 13. DRIVER DIFFERENTIAL SKEW vs
TEMPERATURE (ISL3150E, ISL3152E)
DIFFERENTIAL OUTPUT VOLTAGE (V)
0
123
45
0
10
40
60
80
100
120
140
30
50
70
90
110
130
20
+25°C
+85°C
RD = 15Ω
RD = 20Ω
RD = 54Ω
RD = 100Ω
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
2.9
3.1
3.2
3.3
3.4
3.5
3.6
3.7
RDIFF = 54Ω
RDIFF = 100Ω
3.0
OUTPUT VOLTAGE (V)
-7 -6
-4
-2
0
2
4
6
8
10
12
-50
0
50
100
150
200
-100
-200
-150
Y OR Z = HIGH
Y OR Z = LOW
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
500
540
580
600
620
640
660
520
560
DE = VCC, RE = X
DE = GND, RE = GND
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
960
980
985
990
995
1000
1005
1010
tPLH
tPHL
965
970
975
12
9
8
7
6
5
4
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
|CROSS PT. OF Y↑ AND Z↓ - CROSS PT. OF Y↓ AND Z↑|
11
10
ISL3150E, ISL3152E, ISL3153E, ISL3155E, ISL3156E, ISL3158E


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn