Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962F9568901QXC Datasheet(PDF) 3 Page - Intersil Corporation

Part # 5962F9568901QXC
Description  Radiation Hardened Quad Differential Line Receiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962F9568901QXC Datasheet(HTML) 3 Page - Intersil Corporation

  5962F9568901QXC Datasheet HTML 1Page - Intersil Corporation 5962F9568901QXC Datasheet HTML 2Page - Intersil Corporation 5962F9568901QXC Datasheet HTML 3Page - Intersil Corporation 5962F9568901QXC Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HS-26C32RH, HS-26C32EH
3
Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time
without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be
accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN3402.5
May 28, 2013
For additional products, see www.intersil.com/en/products.html
Propagation Delay Load Circuit
Three-State High Timing
Diagrams
Three-State Low Load Circuit
Three-State High Load Circuit
TABLE 1. THREE-STATE LOW VOLTAGE LEVELS
PARAMETER
HS-26C32RH
HS-26C32EH
UNITS
VDD
4.50
V
VIH
4.50
V
VS
2.25
V
VT
50
%
VW
VOL + 0.5
V
GND
0
V
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 1000Ω
VS
INPUT
tPZH
tPHZ
OUTPUT
VOH
VOZ
VT
VW
VIH
VSS
TABLE 2. THREE-STATE HIGH VOLTAGE LEVELS
PARAMETER
HS-26C32RH
HS-26C32EH
UNITS
VDD
4.50
V
VIH
4.50
V
VS
2.25
V
VT
50
%
VW
VOH - 0.5
V
GND
0
V
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 1000Ω
VDD
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 1000Ω


Similar Part No. - 5962F9568901QXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962F9568901QXC INTERSIL-5962F9568901QXC Datasheet
159Kb / 4P
   Radiation Hardened Quad Differential Line Receiver
5962F9568901QXC INTERSIL-5962F9568901QXC Datasheet
227Kb / 4P
   Radiation Hardened Quad Differential Line Receiver
logo
Renesas Technology Corp
5962F9568901QXC RENESAS-5962F9568901QXC Datasheet
411Kb / 9P
   Radiation Hardened Quad Differential Line Receivers
Oct 21, 2021
More results

Similar Description - 5962F9568901QXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-26C32RH INTERSIL-HS-26C32RH Datasheet
159Kb / 4P
   Radiation Hardened Quad Differential Line Receiver
HS-26CT32RH-T INTERSIL-HS-26CT32RH-T Datasheet
43Kb / 3P
   Radiation Hardened Quad Differential Line Receiver
HS-26CT32RH INTERSIL-HS-26CT32RH Datasheet
146Kb / 3P
   Radiation Hardened Quad Differential Line Receiver
HS9-26C32RH-8 INTERSIL-HS9-26C32RH-8 Datasheet
227Kb / 4P
   Radiation Hardened Quad Differential Line Receiver
HS-26CLV32RH INTERSIL-HS-26CLV32RH Datasheet
90Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Receiver
HS-26CLV32RH INTERSIL-HS-26CLV32RH_13 Datasheet
217Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Receiver
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
   Radiation Hardened Quad Differential Line Drivers
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26CT31RH-T INTERSIL-HS-26CT31RH-T Datasheet
33Kb / 3P
   Radiation Hardened Quad Differential Line Driver
logo
Renesas Technology Corp
HS-26C31RH RENESAS-HS-26C31RH Datasheet
444Kb / 8P
   Radiation Hardened Quad Differential Line Driver
Aug 5, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com