Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLML6401TR Datasheet(PDF) 5 Page - International Rectifier

Part # IRLML6401TR
Description  HEXFETPower MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML6401TR Datasheet(HTML) 5 Page - International Rectifier

  IRLML6401TR Datasheet HTML 1Page - International Rectifier IRLML6401TR Datasheet HTML 2Page - International Rectifier IRLML6401TR Datasheet HTML 3Page - International Rectifier IRLML6401TR Datasheet HTML 4Page - International Rectifier IRLML6401TR Datasheet HTML 5Page - International Rectifier IRLML6401TR Datasheet HTML 6Page - International Rectifier IRLML6401TR Datasheet HTML 7Page - International Rectifier IRLML6401TR Datasheet HTML 8Page - International Rectifier IRLML6401TR Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRLML6401
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10. Maximum Avalanche Energy
Vs. Drain Current
25
50
75
100
125
150
0.0
1.0
2.0
3.0
4.0
5.0
T , Case Temperature ( C)
°
C
0.1
1
10
100
1000
0.00001
0.0001
0.001
0.01
0.1
1
10
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
25
50
75
100
125
150
0
20
40
60
80
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
-1.9A
-3.4A
-4.3A


Similar Part No. - IRLML6401TR

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
IRLML6401TRPBF ZPSEMI-IRLML6401TRPBF Datasheet
246Kb / 2P
   HEXFETPower MOSFET
logo
VBsemi Electronics Co.,...
IRLML6401TRPBF VBSEMI-IRLML6401TRPBF Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
IRLML6401TRPBF TECHPUBLIC-IRLML6401TRPBF Datasheet
984Kb / 3P
   -12V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com