Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CB1F-T-12V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # CB1F-T-12V
Description  MINI-ISO AUTOMOTIVE RELAY Agricultural equipment, Conveyor, etc.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CB1F-T-12V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  CB1F-T-12V Datasheet HTML 1Page - Panasonic Semiconductor CB1F-T-12V Datasheet HTML 2Page - Panasonic Semiconductor CB1F-T-12V Datasheet HTML 3Page - Panasonic Semiconductor CB1F-T-12V Datasheet HTML 4Page - Panasonic Semiconductor CB1F-T-12V Datasheet HTML 5Page - Panasonic Semiconductor CB1F-T-12V Datasheet HTML 6Page - Panasonic Semiconductor CB1F-T-12V Datasheet HTML 7Page - Panasonic Semiconductor CB1F-T-12V Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
CB
ASCTB220E 201208-T
ORDERING INFORMATION
MINI-ISO
AUTOMOTIVE RELAY
CB RELAYS
RoHS compliant
FEATURES
• This relay has an Mini-ISO
(International Organization for
Standardization) terminal
arrangement.
• Relay is compact and high capacity
(40 A).
Compact form factor realized with space
saving 22
× 26 mm .866 × 1.024 inch
small base area thanks to integrated
bobbin and base construction. Features
high switching capacity of 40 A
• Features high thermal resistance of
125
°C 257°F (heat resistant type).
Heat resistant type is available that can
withstand use near engines. (40 A
switching capacity)
• Built-in resistor type is also
available.
TYPICAL APPLICATIONS
• Automobiles
Headlights, Cell motors, Air conditioners,
ABS, EPS, etc.
• Construction equipment
• Agricultural equipment, Conveyor,
etc.
Contact arrangement
1a:
1:
1 Form A
1 Form C
CB
Protective construction
Nil:
F:
Sealed type
Flux-resistant type
Heat resistant of types
Nil:
T:
Standard type
Heat resistant type
Mounting classification
Nil:
P:
M:
Coil voltage (DC)
12V, 24 V
Plug-in type
PC board type
Bracket type
Protective element
Nil:
R:
None
with resistor inside
Contact rating
Nil:
H:
Standard type
High contact capacity type


Similar Part No. - CB1F-T-12V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CB1F-T-12V NAIS-CB1F-T-12V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
logo
Panasonic Semiconductor
CB1F-T-12V PANASONIC-CB1F-T-12V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
More results

Similar Description - CB1F-T-12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CB1-R-SM-12V PANASONIC-CB1-R-SM-12V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8JR OMRON-G8JR Datasheet
275Kb / 4P
   Power Mini ISO Automotive Relay
logo
American Zettler, Inc.
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ979 AZETTLER-AZ979 Datasheet
148Kb / 3P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ980 AZETTLER-AZ980 Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ974 AZETTLER-AZ974 Datasheet
128Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9731 AZETTLER-AZ9731 Datasheet
205Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ983 AZETTLER-AZ983 Datasheet
88Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9831 AZETTLER-AZ9831 Datasheet
81Kb / 2P
   70 AMP MINI-ISO AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com