Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUFA76407D3 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # HUFA76407D3
Description  11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76407D3 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  HUFA76407D3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA76407D3, HUFA76407D3S Rev. B
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. PEAK CURRENT CAPABILITY
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
175
0.2
0.4
0.6
0.8
1.0
1.2
125
150
5
10
15
25
50
75
100
125
150
175
0
TC, CASE TEMPERATURE (
oC)
VGS = 10V
VGS = 4.5V
0.1
1
10-5
10-4
10-3
10-2
10-1
100
101
0.01
2
t, RECTANGULAR PULSE DURATION (s)
SINGLE PULSE
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
100
10-5
10-4
10-3
10-2
10-1
100
101
200
10
t, PULSE WIDTH (s)
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
TC = 25
oC
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
VGS = 5V
HUFA76407D3, HUFA76407D3S


Similar Part No. - HUFA76407D3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA76407DK8 FAIRCHILD-HUFA76407DK8 Datasheet
263Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
HUFA76407DK8T FAIRCHILD-HUFA76407DK8T Datasheet
263Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
ON Semiconductor
HUFA76407DK8T-F085 ONSEMI-HUFA76407DK8T-F085 Datasheet
976Kb / 7P
   Dual N-Channel Logic Level UltraFET짰 Power MOSFET 60 V, 3.5 A, 105 m廓
September-2017, Rev. 2
logo
Fairchild Semiconductor
HUFA76407DK8T FAIRCHILD-HUFA76407DK8T_10 Datasheet
548Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET짰 Power MOSFET
More results

Similar Description - HUFA76407D3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76407D3 FAIRCHILD-HUF76407D3 Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
RFD3055LE INTERSIL-RFD3055LE Datasheet
86Kb / 8P
   11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD3055LE FAIRCHILD-RFD3055LE Datasheet
416Kb / 8P
   11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
HUF76407D3 INTERSIL-HUF76407D3 Datasheet
334Kb / 9P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76407P3 FAIRCHILD-HUF76407P3 Datasheet
209Kb / 10P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76407P3 INTERSIL-HUF76407P3 Datasheet
340Kb / 9P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA76407P3 FAIRCHILD-HUFA76407P3 Datasheet
209Kb / 10P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76432P3 FAIRCHILD-HUFA76432P3 Datasheet
216Kb / 10P
   55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76437P3 FAIRCHILD-HUFA76437P3 Datasheet
215Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76423P3 FAIRCHILD-HUFA76423P3 Datasheet
241Kb / 10P
   33A, 60V, 0.035 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com