Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR12CM-12A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CR12CM-12A
Description  Thyristor Medium Power Use
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR12CM-12A Datasheet(HTML) 1 Page - Renesas Technology Corp

  CR12CM-12A Datasheet HTML 1Page - Renesas Technology Corp CR12CM-12A Datasheet HTML 2Page - Renesas Technology Corp CR12CM-12A Datasheet HTML 3Page - Renesas Technology Corp CR12CM-12A Datasheet HTML 4Page - Renesas Technology Corp CR12CM-12A Datasheet HTML 5Page - Renesas Technology Corp CR12CM-12A Datasheet HTML 6Page - Renesas Technology Corp CR12CM-12A Datasheet HTML 7Page - Renesas Technology Corp CR12CM-12A Datasheet HTML 8Page - Renesas Technology Corp CR12CM-12A Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R07DS1035EJ0400 Rev.4.00
Page 1 of 8
Jul 30, 2013
Preliminary Datasheet
CR12CM-12A
600V - 12A - Thyristor
Medium Power Use
Features
• I
T (AV) : 12 A
• V
DRM : 600 V
• I
GT : 30 mA
• Non-Insulated Type
• Planar Passivation Type
Outline
1 2
3
4
4
RENESAS Package code: PRSS0004AA-A
A
A
(Package name: TO-220)
1
2
3
RENESAS Package code: PRSS0004AG-A
(Package name: TO-220AB)
2, 4
1
3
1. Cathode
2. Anode
3. Gate
4. Anode
Applications
Switching mode power supply, regulator for autocycle, motor control, heater control, and other general purpose control
applications
Maximum Ratings
Parameter
Symbol
Voltage class
Unit
12
Repetitive peak reverse voltage
VRRM
600
V
Non-repetitive peak reverse voltage
VRSM
720
V
DC reverse voltage
VR (DC)
480
V
Repetitive peak off-state voltage
VDRM
600
V
DC off-state voltage
VD (DC)
480
V
R07DS1035EJ0400
Rev.4.00
Jul 30, 2013


Similar Part No. - CR12CM-12A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR12CM-12A RENESAS-CR12CM-12A Datasheet
108Kb / 8P
   Thyristor
CR12CM-12A-A8 RENESAS-CR12CM-12A-A8 Datasheet
108Kb / 8P
   Thyristor
CR12CM-12A RENESAS-CR12CM-12A_15 Datasheet
124Kb / 9P
   600V - 12A - Thyristor Medium Power Use
More results

Similar Description - CR12CM-12A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR6KM-12A RENESAS-CR6KM-12A Datasheet
107Kb / 7P
   Thyristor Medium Power Use
CR8PM-12A RENESAS-CR8PM-12A_15 Datasheet
92Kb / 7P
   Thyristor Medium Power Use
CR8PM-12B RENESAS-CR8PM-12B Datasheet
80Kb / 8P
   Thyristor Medium Power Use
CR6PM-12B RENESAS-CR6PM-12B_15 Datasheet
84Kb / 8P
   Thyristor Medium Power Use
CR12CS-16B RENESAS-CR12CS-16B_15 Datasheet
119Kb / 9P
   Thyristor Medium Power Use
CR6PM-12G RENESAS-CR6PM-12G Datasheet
101Kb / 8P
   Thyristor Medium Power Use
CR6LM-12B RENESAS-CR6LM-12B_15 Datasheet
84Kb / 8P
   Thyristor Medium Power Use
CR12LM-12B RENESAS-CR12LM-12B_15 Datasheet
85Kb / 7P
   Thyristor Medium Power Use
CR8PM-12B RENESAS-CR8PM-12B_15 Datasheet
80Kb / 8P
   Thyristor Medium Power Use
CR12LM-12B RENESAS-CR12LM-12B Datasheet
85Kb / 7P
   Thyristor Medium Power Use
CR8CM-12B RENESAS-CR8CM-12B_13 Datasheet
127Kb / 9P
   Thyristor Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com