Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR6CM-12A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # CR6CM-12A
Description  600V - 6A - Thyristor Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR6CM-12A Datasheet(HTML) 3 Page - Renesas Technology Corp

  CR6CM-12A_13 Datasheet HTML 1Page - Renesas Technology Corp CR6CM-12A_13 Datasheet HTML 2Page - Renesas Technology Corp CR6CM-12A_13 Datasheet HTML 3Page - Renesas Technology Corp CR6CM-12A_13 Datasheet HTML 4Page - Renesas Technology Corp CR6CM-12A_13 Datasheet HTML 5Page - Renesas Technology Corp CR6CM-12A_13 Datasheet HTML 6Page - Renesas Technology Corp CR6CM-12A_13 Datasheet HTML 7Page - Renesas Technology Corp CR6CM-12A_13 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CR6CM-12A
Preliminary
R07DS1033EJ0300 Rev.3.00
Page 3 of 7
Jul 30, 2013
Performance Curves
Maximum On-State Characteristics
On-State Voltage (V)
Rated Surge On-State Current
Conduction Time (Cycles at 50Hz)
Maximum Transient Thermal Impedance
Characteristics (Junction to case)
Time (s)
Gate Trigger Voltage vs.
Junction Temperature
Junction Temperature (°C)
Gate Current (mA)
Gate Trigger Current vs.
Junction Temperature
Junction Temperature (°C)
Gate Characteristics
100
57 101 23 57 102 23 5
23 5
7 103
102
7
5
3
2
101
7
5
3
2
7
5
3
2
10–1
IGT = 10mA
PGM = 5W
VGD = 0.2V
IFGM = 2A
PG(AV)
= 0.5W
–60 –40 –20 0 20 40 60 80 100 120 140
103
7
5
3
2
102
7
5
3
2
101
Typical Example
VFGM = 6V
VGT = 1V
102
10–1
100
101
100
10–3
10–2
10–1
101
5
01
4
23
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
Tc = 125°C
100
2
5
101
80
40
3
7
102
4
2
5
3
7
4
120
160
200
60
20
100
140
180
0
60
–40
–60
020 40
80 100 120 140
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
–20
Typical Example


Similar Part No. - CR6CM-12A_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR6CM-12A RENESAS-CR6CM-12A_15 Datasheet
128Kb / 8P
   600V - 6A - Thyristor Medium Power Use
More results

Similar Description - CR6CM-12A_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR6FM-12B RENESAS-CR6FM-12B Datasheet
102Kb / 8P
   600V-6A-Thyristor Medium Power Use
CR6CM-12B RENESAS-CR6CM-12B_13 Datasheet
126Kb / 9P
   600V - 6A - Thyristor Medium Power Use
CR6CM-12B RENESAS-CR6CM-12B_15 Datasheet
126Kb / 9P
   600V - 6A - Thyristor Medium Power Use
CR6FM-12B RENESAS-CR6FM-12B_15 Datasheet
102Kb / 8P
   600V-6A-Thyristor Medium Power Use
CR6CM-12A RENESAS-CR6CM-12A_15 Datasheet
128Kb / 8P
   600V - 6A - Thyristor Medium Power Use
BCR6CM-12RA RENESAS-BCR6CM-12RA_15 Datasheet
89Kb / 7P
   600V - 6A - Triac Medium Power Use
BCR6CM-12LB RENESAS-BCR6CM-12LB Datasheet
123Kb / 8P
   600V - 6A - Triac Medium Power Use
BCR6CM-12LB RENESAS-BCR6CM-12LB_15 Datasheet
123Kb / 8P
   600V - 6A - Triac Medium Power Use
BCR6CM-12RA RENESAS-BCR6CM-12RA Datasheet
477Kb / 8P
   600V - 6A - Triac Medium Power Use
Feb. 1, 2019
CR5AS-12A RENESAS-CR5AS-12A_15 Datasheet
112Kb / 9P
   600V - 5A - Thyristor Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com