Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA1AFS-12V-N-5 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # CA1AFS-12V-N-5
Description  AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CA1AFS-12V-N-5 Datasheet(HTML) 6 Page - Panasonic Semiconductor

  CA1AFS-12V-N-5 Datasheet HTML 1Page - Panasonic Semiconductor CA1AFS-12V-N-5 Datasheet HTML 2Page - Panasonic Semiconductor CA1AFS-12V-N-5 Datasheet HTML 3Page - Panasonic Semiconductor CA1AFS-12V-N-5 Datasheet HTML 4Page - Panasonic Semiconductor CA1AFS-12V-N-5 Datasheet HTML 5Page - Panasonic Semiconductor CA1AFS-12V-N-5 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
CA
ASCTB219E 201203-T1
For Cautions for Use, see Relay Technical Information.
3. 1 Form A/1 Form B
Direct coupling type
External dimensions
21.5
9
17.4
14.4
.236
6
0.8
15.4
12.4
5.5
2.4
37
19.5 .768
.846
.354
.685
.567
.031
.606
.488
.217
.094
1.457
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
Schematic (Bottom View)
1 Form A
Including resistor
(1 Form A)
1 Form B
Note: Including resistor type also available.
CAD Data
4. 1 Form C
Screw-mounting type
External dimensions
14
23.4
19.4
31.2
4
2
5.5
2.4
0.8
12.2
12
40
59
28
R10
6.6 dia. hole
.260 dia.
28.4
1.228
1.118
20
99
6
11.4
.551
.921
.764
.157
.079
.217
.094
.031
.480
.472
1.575
2.323
1.102
.787
.354 .354
.236
.449
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
Schematic (Bottom View)
Note: Including resistor type also available.
Including resistor
1 Form C
CAD Data
5. 1 Form C
Direct coupling type
External dimensions
19.4
5.5
2.4
0.8
12.2
40
28
99
6
11.4
23.4
31.2
28.4
1.228
1.118
.764
.217
.094
.031
.480
1.575
1.102
.354 .354
.236
.449
.921
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
Schematic (Bottom View)
Note: Including resistor type also available.
Including resistor
1 Form C
CAD Data


Similar Part No. - CA1AFS-12V-N-5

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CA1AF-12V-A-5 NAIS-CA1AF-12V-A-5 Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
CA1AF-12V-C-5 NAIS-CA1AF-12V-C-5 Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
CA1AF-12V-N-5 NAIS-CA1AF-12V-N-5 Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
More results

Similar Description - CA1AFS-12V-N-5

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CA1 NAIS-CA1 Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
logo
List of Unclassifed Man...
NV2R ETC1-NV2R Datasheet
114Kb / 2P
   Small size, light weight.
logo
HuaXinAn Electronics CO...
NG8QW2C HUAXINAN-NG8QW2C Datasheet
425Kb / 1P
   Small size, light weight
NT72-2A HUAXINAN-NT72-2A Datasheet
581Kb / 1P
   Small size, light weight
NT741C HUAXINAN-NT741C Datasheet
333Kb / 1P
   Small size, light weight.
NV2M-2A HUAXINAN-NV2M-2A Datasheet
470Kb / 1P
   Small size, light weight
NT78A HUAXINAN-NT78A Datasheet
514Kb / 1P
   Small size, light weight
NT742C HUAXINAN-NT742C Datasheet
333Kb / 1P
   Small size, light weight.
NT72C HUAXINAN-NT72C Datasheet
581Kb / 1P
   Small size, light weight.
NT742B HUAXINAN-NT742B Datasheet
333Kb / 1P
   Small size, light weight
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com